Nombre de pieza
         Descripción
CA555

 Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment ( 6 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 6 page
background image
6
FIGURE 11. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 12. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 13. DELAY TIME vs SUPPLY VOLTAGE
FIGURE 14. DELAY TIME vs TEMPERATURE
NOTE: Where x is the decimal multiplier of the supply voltage.
FIGURE 15. PROPAGATION DELAY TIME vs TRIGGER VOLTAGE
Typical Performance Curves (Continued)
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
25oC
125oC
V+ = 10V
125oC
25oC
TA = -55
oC
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
-55oC
V+ = 15V
125oC
25oC
TA = -55
oC
SUPPLY VOLTAGE (V)
15
12.5
10
7.5
5
2.5
0
1.100
1.000
0.990
0.980
TA = 25
oC
17.5
TEMPERATURE (oC)
100
75
50
25
0
-25
-75
1.005
0.995
0.985
125
-50
MINIMUM TRIGGER (PULSE) VOLTAGE (x V+) (NOTE)
0.4
0.3
0.2
0.1
0
150
100
50
TA = -55
oC
0oC
200
250
300
25oC
125oC
70oC
CA555, CA555C, LM555C
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CA0555Timers for Timing Delays and Oscillator Application in Commercial Industrial and Military Equipment 1 2 3 4 5 MoreHarris Corporation
CA3141High-Voltage Diode Array For Commercial Industrial and Military Applications 1 2 3 4 Intersil Corporation
CA7410.9MHz Single and Dual High Gain Operational Amplifiers for Military Industrial and Commercial Applications 1 2 3 4 5 MoreIntersil Corporation
CA124Quad 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
CA139Quad Voltage Comparators for Industrial Commercial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
CA158Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
CA30208MHz Power Amps For Military Industrial and Commercial Equipment 1 2 3 4 5 MoreIntersil Corporation
CA2904DUAL 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL AND MILITARY APPLICATION 1 2 3 4 5 MoreHarris Corporation
CA3028ADifferential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
BF554NPN Silicon RF Transistor For general small-signal RF applications up to 300 MHz in amplifier mixer and oscillator circuits 1 2 3 4 Siemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl