Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD22101F Datasheet(PDF) 4 Page - Harris Corporation

No. de pieza CD22101F
Descripción Electrónicos  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HARRIS [Harris Corporation]
Página de inicio  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101F Datasheet(HTML) 4 Page - Harris Corporation

  CD22101F Datasheet HTML 1Page - Harris Corporation CD22101F Datasheet HTML 2Page - Harris Corporation CD22101F Datasheet HTML 3Page - Harris Corporation CD22101F Datasheet HTML 4Page - Harris Corporation CD22101F Datasheet HTML 5Page - Harris Corporation CD22101F Datasheet HTML 6Page - Harris Corporation CD22101F Datasheet HTML 7Page - Harris Corporation CD22101F Datasheet HTML 8Page - Harris Corporation CD22101F Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4-196
CD22101, CD22102
Propagation Delay Time: High Level
or Low Level to High Impedance
tPHZ, tPLZ
6RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
Strobe to Output, CD22101
10
-
200
400
ns
15
-
135
270
ns
KB to Output, CD22102
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
10
-
200
400
ns
15
-
130
260
ns
Data-In to Output, CD22101
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
10
-
165
330
ns
15
-
110
220
ns
KA • KB to Output, CD22102
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
280
560
ns
10
-
130
260
ns
15
-
90
180
ns
Address to Output
CD22101, CD22102
tPHZ, tPLZ
8RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
425
850
ns
10
-
190
380
ns
15
-
130
260
ns
Minimum Strobe Pulse Width,
CD22101
tW
6RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
260
500
ns
10
-
120
240
ns
15
-
80
160
ns
Address to Strobe Setup or Hold
Times, CD22101
tSU, tH
9RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
-160
0
ns
10
-
-70
0
ns
15
-
-50
0
ns
Strobe to Data-In Hold Time,
CD22101
tHHL, tHLH
10
RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
200
400
ns
10
-
80
160
ns
15
-
60
120
ns
Address to KA and KB Setup or Hold
Times, CD22102
tSU, tH
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
-160
0
ns
10
-
-70
0
ns
15
-
-50
0
ns
Minimum KA • KB Pulse Width,
CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
375
750
ns
10
-
160
320
ns
15
-
110
220
ns
Minimum KA Pulse Width, CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
425
850
ns
10
-
175
350
ns
15
-
120
240
ns
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)


Número de pieza similar - CD22101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Descripción similar - CD22101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com