Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD22402E Datasheet(PDF) 1 Page - Harris Corporation

No. de pieza CD22402E
Descripción Electrónicos  Sync Generator for TV Applications and Video Processing Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HARRIS [Harris Corporation]
Página de inicio  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22402E Datasheet(HTML) 1 Page - Harris Corporation

  CD22402E Datasheet HTML 1Page - Harris Corporation CD22402E Datasheet HTML 2Page - Harris Corporation CD22402E Datasheet HTML 3Page - Harris Corporation CD22402E Datasheet HTML 4Page - Harris Corporation CD22402E Datasheet HTML 5Page - Harris Corporation CD22402E Datasheet HTML 6Page - Harris Corporation CD22402E Datasheet HTML 7Page - Harris Corporation CD22402E Datasheet HTML 8Page - Harris Corporation CD22402E Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8-40
Semiconductor
May 1999
CD22402
Sync Generator for TV Applications
and Video Processing Systems
Features
• Interlaced Composite Sync Output
• Automatic Genlock Capability
• Crystal Oscillator Operation
• 525 or 625 Line Operation
• Vertical Reset Option
• Wide Power Supply Operating Voltage . . . . . 4V to 15V
Applications
• Cameras
• Monitors and Displays
•CATV
• Teletext
• Video Games
• Sync Restorer
• Video Service Instruments
Description
The Harris CD22402 (Note) is a CMOS LSI sync generator that
produces all the timing signals required to drive a fully 2-to-1
interlaced 525-line 30-frame/second, or 625-line 25-frame/sec-
ond TV camera or video processing system. A complete sync
waveform is produced which begins each field with six serrated
vertical sync pulses, preceded and followed by six half-width
double frequency equalizing pulses. The sync output is gated by
the master clock to preserve horizontal phase continuity during
the vertical interval.
The CD22402 can be operated either in “genlock” mode, in
which it is synchronized with a reference sync pulse train from
another TV camera, or in “stand-alone” mode, in which it is syn-
chronized with a local on-chip crystal oscillator (the crystal and
two passive components are off chip). Also, the circuit can
sense the presence or absence of a reference sync pulse train
and automatically select the “genlock” or “stand-alone” mode.
A frame sync pulse is produced at the beginning of every odd
field. The vertical counter can be reset to either the first equalizing
pulse or the first vertical sync pulse of the vertical interval. The
interlaced sync provided by the CD22402 differs from RS-170 by
having slightly narrower sync and equalizing pulses. The clock
frequency of 32 times horizontal rate allows for approximately 4
µs
horizontal pulse widths and 2
µs equalizing pulses. Otherwise
operation can be phase locked to a color sub-carrier for a full
interlaced operating system.
The CD22402 is operable with a single supply over a voltage
range of 4V to 15V.
Pinout
CD22402 (PDIP, SBDIP)
TOP VIEW
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD22402D
-55 to 125
24 Ld SBDIP
D24.6
CD22402E
-40 to 85
24 Ld PDIP
E24.6
1
2
3
4
5
6
7
8
9
10
11
12
MIXED SYNC OUTPUT
VERTICAL DRIVE OUTPUT
HORIZONTAL CLAMP OUTPUT
16
17
18
19
20
21
22
23
24
15
14
13
FRAME SYNC OUTPUT (ODD FIELD)
HORIZONTAL PROCESSING BLANKING OUTPUT
MIXED PROCESSING BLANKING OUTPUT
MASTER FREQUENCY INPUT
DELAY, GENLOCK TO CRYSTAL OSCILLATOR
CRYSTAL OSCILLATOR FEEDBACK TAP
HORIZONTAL DRIVE OUTPUT
MIXED BEAM BLANKING OUTPUT
GENLOCK OSCILLATOR CAPACITOR CONNECTION
VERTICAL COUNTER RESET TO FIRST EQUALIZING PULSE
VERTICAL RESET TO FIRST VERTICAL SYNC PULSE
SHORT VERTICAL DRIVE OUTPUT
525 LINE TO 625 LINE OPERATION SWITCH
VERTICAL PROCESSING BLANKING OUTPUT
R-C CONNECTION FOR GENLOCK OSCILLATOR
DELAY, GENLOCK TO CRYSTAL OSCILLATOR
GENLOCK INPUT (COMPOSITE SYNC)
RESISTOR CONNECTION FOR GENLOCK OSCILLATOR
VSS
VSS
VDD
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
1686.5
[ /Title
(CD2240
2)
/Subject
(Sync
Genera-
tor for
TV
Applica-
tions and
Video
Process-
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Número de pieza similar - CD22402E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CD22402 ETC2-CD22402 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - CD22402E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
National Semiconductor ...
MM5321 NSC-MM5321 Datasheet
307Kb / 6P
   TV camera sync generator
logo
List of Unclassifed Man...
MM5321 ETC-MM5321 Datasheet
434Kb / 4P
   TV CAMERA SYNC GENERATOR
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com