Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7739 Datasheet(PDF) 7 Page - Analog Devices |
|
AD7739 Datasheet(HTML) 7 Page - Analog Devices |
7 / 32 page Data Sheet AD7739 Rev. A | Page 7 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AVDD to AGND, DVDD to DGND −0.3 V to +7 V AGND to DGND −0.3 V to +0.3 V AVDD to DVDD −5 V to +5 V AIN, AINCOM to AGND −0.3 V to AVDD + 0.3 V REFIN(+), REFIN(−) to AGND −0.3 V to AVDD + 0.3 V P0, P1 Voltage to AGND −0.3 V to AVDD + 0.3 V Digital Input Voltage to DGND −0.3 V to DVDD + 0.3 V Digital Output Voltage to DGND −0.3 V to DVDD + 0.3 V ESD Rating (ESD Association Human Body Model, S5.1) 4000 V Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C TSSOP Package θJA Thermal Impedance 128°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Número de pieza similar - AD7739_15 |
|
Descripción similar - AD7739_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |