Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40109BMS Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza CD40109BMS
Descripción Electrónicos  CMOS Quad Low-to-High Voltage Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40109BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD40109BMS Datasheet HTML 1Page - Intersil Corporation CD40109BMS Datasheet HTML 2Page - Intersil Corporation CD40109BMS Datasheet HTML 3Page - Intersil Corporation CD40109BMS Datasheet HTML 4Page - Intersil Corporation CD40109BMS Datasheet HTML 5Page - Intersil Corporation CD40109BMS Datasheet HTML 6Page - Intersil Corporation CD40109BMS Datasheet HTML 7Page - Intersil Corporation CD40109BMS Datasheet HTML 8Page - Intersil Corporation CD40109BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-41
Specifications CD40109BMS
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1 (Note 1)
4, 5, 11-13
2, 3, 6-10, 14, 15
1, 16
Static Burn-In 2 (Note 1)
4, 5, 11-13
8
16
1-3, 4, 7, 9, 10,
14, 15
Dynamic Burn-In (Note 4)
12
8
16
1, 4, 5, 11, 13
3, 6, 10, 14
(Note 3)
2, 7, 9, 15
(Note 3)
Irradiation (Note 2)
4, 5, 11-13
8
1-3, 6, 7, 9, 10,
14-16
NOTES:
1. Each pin except Pin 1, VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except Pin 1, VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
3. Pin voltage is VDD/2
4. Each pin except Pin 1, VDD and GND will have a series resistor of 4.75K
±5%, VDD = 18V ±0.5V.
Logic Diagram
FIGURE 1. 1 OF 4 UNITS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
LEVEL
SHIFTER
LEVEL
SHIFTER
A
ENABLE A
VCC
VDD
*
3 (6, 10, 14)
*
2 (7, 9, 15)
VSS
VDD
E
4 (5, 11, 13)
VCC = 1
VDD = 16
VSS = 8
VDD
VSS
* ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
TRUTH TABLE
INPUTS
OUTPUTS
A, B, C, D
ENABLE
A, B, C, D
E, F, G, H
010
111
X0
Z
Logic 0 = Low(VSS)
X = Don’t care
Z = High impedance
Logic 1 = VCC at Inputs and VDD at Outputs


Número de pieza similar - CD40109BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-MIL TI1-CD40109B-MIL Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BE TI-CD40109BE Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
More results

Descripción similar - CD40109BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com