Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40181 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza CD40181
Descripción Electrónicos  CMOS 4 Bit Arithmetic Logic Unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40181 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD40181 Datasheet HTML 2Page - Intersil Corporation CD40181 Datasheet HTML 3Page - Intersil Corporation CD40181 Datasheet HTML 4Page - Intersil Corporation CD40181 Datasheet HTML 5Page - Intersil Corporation CD40181 Datasheet HTML 6Page - Intersil Corporation CD40181 Datasheet HTML 7Page - Intersil Corporation CD40181 Datasheet HTML 8Page - Intersil Corporation CD40181 Datasheet HTML 9Page - Intersil Corporation CD40181 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1407
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD40181BMS
TRUTH TABLE
FUNCTION
SELECT
INPUTS/OUTPUTS ACTIVE LOW
FUNCTION
SELECT
INPUTS/OUTPUTS ACTIVE HIGH
LOGIC
FUNCTION
M = H
ARITHMETIC
* FUNCTION M = L
LOGIC
FUNCTION
M = H
ARITHMETIC
* FUNCTION M = L
S3
S2
S1
S0
Cn = L
Cn = H
S3
S2
S1
S0
Cn = H
Cn = L
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
A
AB
A + B
Logic 1
A + B
B
A
⊕ B
A + B
AB
A
⊕ B
B
A + B
Logic 0
AB
AB
A
A minus 1
AB minus 1
AB minus 1
minus 1
A plus (A + B)
AB plus (A + B)
A minus B minus 1
A + B
A plus (A + B)
A plus B
AB plus (A + B)
A + B
A plus A
AB plus A
AB plus A
A
A
AB
AB
Zero
A plus (A + B) plus 1
AB plus (A + B) plus 1
A minus B
(A + B) plus 1
A plus (A + B) plus 1
A plus B plus 1
AB plus (A + B) plus 1
A + B plus 1
A plus A plus 1
AB plus A plus 1
AB plus A plus 1
A plus 1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
A
A + B
AB
Logic 0
AB
B
A
⊕ B
AB
A + B
A
⊕ B
B
AB
Logic 1
A + B
A + B
A
A
A + B
A + B
minus 1
A plus AB
(A + B) plus AB
A minus B minus 1
AB minus 1
A plus AB
A plus B
(A + B) plus AB
AB minus 1
A plus A
(A + B) plus A
(A+ B) plus A
A minus 1
A plus 1
(A + B) plus 1
(A + B) plus 1
Zero
A plus AB plus 1
(A + B) plus AB plus 1
A minus B
A B
A plus AB plus 1
A plus B plus 1
(A + B) plus AB plus 1
AB
A plus A plus 1
(A + B) plus A plus 1
(A + B) plus A plus 1
A
* Expressed as two’s complement
1 = High level
0 = Low level
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)


Número de pieza similar - CD40181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182 INTERSIL-CD40182 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results

Descripción similar - CD40181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com