Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40208BMS Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza CD40208BMS
Descripción Electrónicos  CMOS 4 x 4 Multiport Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40208BMS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD40208BMS Datasheet HTML 3Page - Intersil Corporation CD40208BMS Datasheet HTML 4Page - Intersil Corporation CD40208BMS Datasheet HTML 5Page - Intersil Corporation CD40208BMS Datasheet HTML 6Page - Intersil Corporation CD40208BMS Datasheet HTML 7Page - Intersil Corporation CD40208BMS Datasheet HTML 8Page - Intersil Corporation CD40208BMS Datasheet HTML 9Page - Intersil Corporation CD40208BMS Datasheet HTML 10Page - Intersil Corporation CD40208BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7-1438
CD40208BMS
TRUTH TABLE
CLOCK
WRITE
ENABLE
WRITE
1
WRITE
0
READ
1A
READ
0A
READ
1B
READ
0B
ENABLE
A
ENABLE
B
Dn
QnA
QnB
1
S1S2S1S2S1S2
1
1
1
1
1
1
S1S2S1S2S1S2
1
1
0
0
0
XXXXXXXX
0
0
XZ
Z
100011011
Dn to
Word 0
Word 1
Out
Word 2
Out
0
0
0
0
1
1
0
1
1
Word 0
Not
Altered
Word 1
Out
Word 2
Out
X
X
X
X
1
0
0
1
1
1
X
Word 2
Out
Word 1
Out
XXXXXXX
1
1
XNC
NC
1 = High Level; 0 = Low Level; X = Don’t Care; Z = High Impedance
NOTE: S1 and S2 refer to input states of either 1 or 0.
Typical Performance Characteristics
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT CHAR-
ACTERISTICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT CHAR-
ACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V


Número de pieza similar - CD40208BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CD4020 ETC2-CD4020 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
CD4020B TI-CD4020B Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
CD4020B TI1-CD4020B Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
CD4020B-MIL TI1-CD4020B-MIL Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
More results

Descripción similar - CD40208BMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD40108BMS INTERSIL-CD40108BMS Datasheet
157Kb / 11P
   CMOS 4 x 4 Multiport Register
December 1992
logo
STMicroelectronics
HCC40208B STMICROELECTRONICS-HCC40208B Datasheet
290Kb / 13P
   4 x 4 MULTIPORT REGISTER
HCC40108B STMICROELECTRONICS-HCC40108B Datasheet
328Kb / 14P
   4 x 4 MULTIPORT REGISTER
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
OKI electronic componet...
MSM514262 OKI-MSM514262 Datasheet
507Kb / 45P
   262,144-Word x 4-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com