Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7849CNZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7849CNZ
Descripción Electrónicos  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7849CNZ Datasheet(HTML) 1 Page - Analog Devices

  AD7849CNZ Datasheet HTML 1Page - Analog Devices AD7849CNZ Datasheet HTML 2Page - Analog Devices AD7849CNZ Datasheet HTML 3Page - Analog Devices AD7849CNZ Datasheet HTML 4Page - Analog Devices AD7849CNZ Datasheet HTML 5Page - Analog Devices AD7849CNZ Datasheet HTML 6Page - Analog Devices AD7849CNZ Datasheet HTML 7Page - Analog Devices AD7849CNZ Datasheet HTML 8Page - Analog Devices AD7849CNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Serial Input,
14-Bit/16-Bit DAC
AD7849
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1995–2011 Analog Devices, Inc. All rights reserved.
FEATURES
14-bit/16-bit multiplying DAC
Guaranteed monotonicity
Output control on power-up and power-down internal or
external control
Versatile serial interface
DAC clears to 0 V in both unipolar and bipolar output ranges
APPLICATIONS
Industrial process controls
PC analog I/O boards
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
VDD
VCC
R
R
R
R
R
AD7849
ROFS
RST IN
VOUT
AGND
RST OUT
G1
G2
SDIN SCLK SYNC CLR
BIN/
COMP
DCEN SDOUT
LDAC VSS
DGND
DAC
LATCH
10/
12
10/
12
10-BIT/
12-BIT
DAC
A1
A2
4
VREF+
VREF–
A3
LOGIC
CIRCUITRY
VOLTAGE
MONITOR
INPUT
LATCH
INPUT SHIFT REGISTER/
CONTROL LOGIC
Figure 1.
GENERAL DESCRIPTION
The AD7849 is a 14-bit/16-bit serial input multiplying digital-
to-analog converter (DAC). The DAC architecture ensures
excellent differential linearity performance, and monotonicity is
guaranteed to 14 bits for the A grade and to 16 bits for all other
grades over the specified temperature ranges.
During power-up and power-down sequences (when the supply
voltages are changing), the VOUT pin is clamped to 0 V via a low
impedance path. To prevent the output of A3 from being shorted to
0 V during this time, Transmission Gate G1 is also opened. These
conditions are maintained until the power supplies stabilize,
and a valid word is written to the DAC register. At this time, G2
opens and G1 closes. Both transmission gates are also externally
controllable via the reset in (RSTIN) control input. For instance, if
the RSTIN input is driven from a battery supervisor chip, then
at power-off or during a brown out, the RSTIN input is driven
low to open G1 and close G2. The DAC must be reloaded, with
RSTIN high, to reenable the output. Conversely, the on-chip
voltage detector output (RSTOUT) is also available to the user
to control other parts of the system.
The AD7849 has a versatile serial interface structure and can be
controlled over three lines to facilitate opto-isolator applications.
SDOUT is the output of the on-chip shift register and can be
used in a daisy-chain fashion to program devices in the multi-
channel system. The daisy-chain enable (DCEN) input controls
this function.
The BIN/COMP pin sets the DAC coding; with BIN/COMP set
to 0, the coding is straight binary; and with BIN/COMP set to 1,
the coding is twos complement. This allows the user to reset the
DAC to 0 V in both the unipolar and bipolar output ranges.
The part is available in a 20-lead PDIP package and a 20-lead SOIC
package.


Número de pieza similar - AD7849CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7849CNZ AD-AD7849CNZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Descripción similar - AD7849CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com