Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7862 Datasheet(PDF) 1 Page - Analog Devices |
|
AD7862 Datasheet(HTML) 1 Page - Analog Devices |
1 / 16 page REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD7862 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 © Analog Devices, Inc., 1996 Simultaneous Sampling Dual 250 kSPS 12-Bit ADC FUNCTIONAL BLOCK DIAGRAM CLOCK DGND DB0 BUSY RD CS CONVST AD7862 CONVERSION CONTROL LOGIC VA1 AGND VREF +2.5V REFERENCE 2k Ω AGND TRACK/ HOLD VDD DB11 OUTPUT LATCH MUX A0 12-BIT ADC 12-BIT ADC TRACK/ HOLD MUX SIGNAL SCALING SIGNAL SCALING SIGNAL SCALING SIGNAL SCALING VB1 VA2 VB2 FEATURES Two Fast 12-Bit ADCs Four Input Channels Simultaneous Sampling & Conversion 4 s Throughput Time Single Supply Operation Selection of Input Ranges: 10 V for AD7862-10 2.5 V for AD7862-3 0 V to 2.5 V for AD7862-2 High Speed Parallel Interface Low Power, 60 mW typ Power Saving Mode, 50 W typ Overvoltage Protection on Analog Inputs 14-Bit Pin Compatible Upgrade (AD7863) APPLICATIONS AC Motor Control Uninterrupted Power Supplies Data Acquisition Systems Communications GENERAL DESCRIPTION The AD7862 is a high speed, low power, dual 12-bit A/D converter that operates from a single +5 V supply. The part contains two 4 µs successive approximation ADCs, two track/ hold amplifiers, an internal +2.5 V reference and a high speed parallel interface. There are four analog inputs that are grouped into two channels (A & B) selected by the A0 input. Each channel has two inputs (V A1 & VA2 or VB1 & VB2) that can be sampled and converted simultaneously thus preserving the relative phase information of the signals on both analog inputs. The part accepts an analog input range of ±10 V (AD7862-10), ±2.5 V (AD7862-3) and 0–2.5 V (AD7862-2). Overvoltage protection on the analog inputs for the part allows the input voltage to go to ±17 V, ±7 V or +7 V, respectively, without causing damage. A single conversion start signal (CONVST) places both track/ holds into hold simultaneously and initiates conversion on both inputs. The BUSY signal indicates the end of conversion, and at this time the conversion results for both channels are avail- able to be read. The first read after a conversion accesses the result from VA1 or VB1, while the second read accesses the result from VA2 or VB2, depending on whether the multiplexer select A0 is low or high, respectively. Data is read from the part via a 12-bit parallel data bus with standard CS and RD signals. In addition to the traditional dc accuracy specifications such as linearity, full-scale and offset errors, the part is also specified for dynamic performance parameters including harmonic distortion and signal-to-noise ratio. The AD7862 is fabricated in Analog Devices’ Linear Compat- ible CMOS (LC 2MOS) process, a mixed technology process that combines precision bipolar circuits with low power CMOS logic. It is available in 28-lead SSOP, SOIC and DIP. PRODUCT HIGHLIGHTS 1. The AD7862 features two complete ADC functions allowing simultaneous sampling and conversion of two channels. Each ADC has a 2-channel input mux. The conversion result for both channels is available 3.6 µs after initiating conversion. 2. The AD7862 operates from a single +5 V supply and consumes 60 mW typ. The automatic power-down mode, where the part goes into power down once conversion is complete and “wakes up” before the next conversion cycle, makes the AD7862 ideal for battery-powered or portable applications. 3. The part offers a high speed parallel interface for easy con- nection to microprocessors, microcontrollers and digital signal processors. 4. The part is offered in three versions with different analog input ranges. The AD7862-10 offers the standard industrial input range of ±10 V; the AD7862-3 offers the common signal processing input range of ±2.5 V; while the AD7862-2 can be used in unipolar 0 V – +2.5 V applications. 5. The part features very tight aperture delay matching between the two input sample-and-hold amplifiers. |
Número de pieza similar - AD7862_15 |
|
Descripción similar - AD7862_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |