Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7871 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7871
Descripción Electrónicos  LC MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7871 Datasheet(HTML) 4 Page - Analog Devices

  AD7871_15 Datasheet HTML 1Page - Analog Devices AD7871_15 Datasheet HTML 2Page - Analog Devices AD7871_15 Datasheet HTML 3Page - Analog Devices AD7871_15 Datasheet HTML 4Page - Analog Devices AD7871_15 Datasheet HTML 5Page - Analog Devices AD7871_15 Datasheet HTML 6Page - Analog Devices AD7871_15 Datasheet HTML 7Page - Analog Devices AD7871_15 Datasheet HTML 8Page - Analog Devices AD7871_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7871/AD7872
–4–
REV. D
AD7871 PIN FUNCTION DESCRIPTION
DIP
No.
Mnemonic
Function
1
CONVST
Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This
input is asynchronous to the CLK.
CS and RD must be held high for the duration of this pulse.
2
CS
Chip Select. Active low logic input. The device is selected when this input is active. With
CONVST
tied low, a new conversion is initiated when
CS goes low.
3
RD
Read. Active low logic input. This input is used in conjunction with
CS low to enable the data outputs.
4
BUSY/INT
Busy/Interrupt. Logic low output indicating converter status. See timing diagrams.
5
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying
this pin to VSS enables the internal laser-trimmed oscillator.
6
DB13/HBEN
Data Bit 13 (MSB)/High Byte Enable. The function of this pin is dependent on the state of the
14/
8/CLK input (see Pin 28). When 14-bit data is selected, this pin provides the DB13 output. When
either byte or serial data is selected, this pin becomes the HBEN logic input. HBEN is used for 8-bit
bus interfacing. When HBEN is low, DB7 to DB0 is the lower byte of data. With HBEN high, DB7
to DB0 is the upper byte of data (see Table I).
Table I. Byte Output Format
HBEN DB7
DB6 DB5 DB4 DB3 DB2
DB1 DB0
HIGH LOW LOW DB13 DB12 DB11 DB10 DB9 DB8
LOW
DB7
DB6 DB5 DB4 DB3 DB2
DB1 DB0
7
DB12/
SSTRB
Data Bit 12/Serial Strobe. When 14-bit data is selected, this pin provides the DB12 data output.
Otherwise it is an active low three-state output that provides a framing pulse for serial data.
8
DB11/SCLK
Data Bit 11/Serial Clock. When 14-bit data is selected, this pin provides the DB11 data output.
Otherwise SCLK is the gated serial clock output that is derived from the internal or external ADC
clock. If the 14/
8/CLK input is held at –5 V, then the SCLK runs continuously. With 14/8/CLK at
0 V, it is gated off (three-state) after serial transmission is complete.
9
DB10/SDATA
Data Bit 10/Serial Data. When 14-bit parallel data is selected, this pin provides the DB10 data
output. Otherwise it is the three-state serial data output used in conjunction with SCLK and
SSTRB
in serial data transmission. Serial data is valid on the falling edge of SCLK, when
SSTRB is low.
10–13 DB9–DB6
Three-State Data Outputs controlled by
CS and RD. Their function depends on the state of the
14/
8/CLK and the HBEN inputs. With 14/8/CLK high, they are always DB9–DB6; with 14/8/CLK
low, their function depends on HBEN (see Table I).
14
DGND
Digital Ground. Ground return for digital circuitry.
15–20 DB5/DB13–
Three-State Data Outputs controlled by
CS and RD. Their function depends on the 14/8/CLK
DB0/DB8
and HBEN inputs. With 14/
8/CLK high, they are always DB5–DB0; with 14/8/CLK low or –5 V,
their function is controlled by HBEN (see Table I).
21
VDD
Positive Supply, +5 V
± 5%.
22
AGND
Analog Ground. Ground reference for analog circuitry.
23
CREF
Decoupling point for on-chip reference. Connect 10 nF between this pin and AGND.
24
NC
No Connect.
25
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load
capability is 500
µA.
26
VIN
Analog Input. The input range is
±3 V.
27
VSS
Negative Supply, –5 V
± 5%.
28
14/
8/CLK
Three-Function Input. Defines both the parallel and serial data formats. With this pin at +5 V, the
output data is 14-bit parallel only. With this pin at 0 V, both byte and serial data are available, and
the SCLK is noncontinuous. With this pin at –5 V, both byte and serial data are available and the
SCLK is continuous.


Número de pieza similar - AD7871_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7871JN AD-AD7871JN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JN AD-AD7871JN Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JP AD-AD7871JP Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871JP AD-AD7871JP Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871KN AD-AD7871KN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Descripción similar - AD7871_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com