Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7891AP-2REEL Datasheet(PDF) 11 Page - Analog Devices |
|
AD7891AP-2REEL Datasheet(HTML) 11 Page - Analog Devices |
11 / 20 page AD7891 –11– REV. D Serial Interface Mode The serial interface mode is selected by tying the MODE input to a logic low. In this case, five of the data/control inputs of the parallel mode assume serial interface functions. The serial interface on the AD7891 is a 5-wire interface with read and write capabilities, with data being read from the output register via the DATA OUT line and data being written to the control register via the DATA IN line. The part operates in a slave or external clocking mode and requires an externally applied serial clock to the SCLK input to access data from the data register or write data to the control register. There are separate framing signals for the read ( RFS) and write (TFS) operations. The serial interface on the AD7891 is designed to allow the part to be interfaced to systems that provide a serial clock that is synchronized to the serial data, such as the 80C51, 87C51, 68HC11, and 68HC05, and most digital signal processors. When using the AD7891 in serial mode, the data lines DB11 to DB10 should be tied to logic low, and the CS, WR, and RD inputs should be tied to logic high. Pins DB4 to DB0 can be tied to either logic high or logic low but must not be left floating because this condition could cause the AD7891 to draw large amounts of current. Read Operation Figure 3 shows the timing diagram for reading from the AD7891 in serial mode. RFS goes low to access data from the AD7891. The serial clock input does not have to be continuous. The serial data can be accessed in a number of bytes. However, RFS must remain low for the duration of the data transfer operation. Six- teen bits of data are transmitted in serial mode with the data FORMAT bit first, followed by the three address bits in the control register, followed by the 12-bit conversion result starting with the MSB. Serial data is clocked out of the device on the rising edge of SCLK and is valid on the falling edge of SCLK. At the end of the read operation, the DATA OUT line is three- stated by a rising edge on either the SCLK or RFS inputs, which- ever occurs first. Write Operation Figure 4 shows a write operation to the control register of the AD7891. The TFS input goes low to indicate to the part that a serial write is about to occur. The AD7891 control register requires only six bits of data. These are loaded on the first six clock cycles of the serial clock with data on all subsequent clock cycles being ignored. Serial data to be written to the AD7891 must be valid on the falling edge of SCLK. Simplifying the Serial Interface To minimize the number of interconnect lines to the AD7891 in serial mode, the user can connect the RFS and TFS lines of the AD7891 together and read and write from the part simul- taneously. In this case, a new control register data line selecting the input channel and providing a conversion start command should be provided on the DATA IN line, while the part pro- vides the result from the conversion just completed on the DATA OUT line. DATA OUT (O) SCLK (I) RFS (I) t18A NOTE I = INPUT O = OUTPUT FORMAT A2 A1 A0 DB11 DB10 DB0 THREE-STATE t18 t16 t15 t14 t12 t11 t13 t17 Figure 3. Serial Mode Read Operation DATA IN (I) SCLK (I) TFS (I) NOTE I = INPUT FORMAT A0 A1 A0 t19 t22 t21 t20 CONV STBY DON'T CARE DON'T CARE Figure 4. Serial Mode Write Operation |
Número de pieza similar - AD7891AP-2REEL |
|
Descripción similar - AD7891AP-2REEL |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |