Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWLF1631R Datasheet(PDF) 1 Page - Finisar Corporation.

No. de pieza FWLF1631R
Descripción Electrónicos  Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1631R Datasheet(HTML) 1 Page - Finisar Corporation.

  FWLF1631R Datasheet HTML 1Page - Finisar Corporation. FWLF1631R Datasheet HTML 2Page - Finisar Corporation. FWLF1631R Datasheet HTML 3Page - Finisar Corporation. FWLF1631R Datasheet HTML 4Page - Finisar Corporation. FWLF1631R Datasheet HTML 5Page - Finisar Corporation. FWLF1631R Datasheet HTML 6Page - Finisar Corporation. FWLF1631R Datasheet HTML 7Page - Finisar Corporation. FWLF1631R Datasheet HTML 8Page - Finisar Corporation. FWLF1631R Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
 Finisar Corporation
Page 1
Rev C1, July 2013
Product Specification
Long-Reach DWDM SFP Transceiver
FWLF1631Rxx
PRODUCT FEATURES
 Up to 2.7 Gb/s bi-directional data
links
 High launch power (+3dBm MIN)
 Hot-pluggable SFP footprint
 Temperature-stabilized DWDM-
rated DFB laser transmitter
 100GHz ITU Grid, C-Band
 Low dispersion DFB laser with up
to 160km reach
 Extended operating range: -5°C to
70°C case temperature
 Wavelength controlled within  0.1
nm over life and temperature
 Extended link budget with APD
receiver technology
 OC-48 LR-2 compliant
APPLICATIONS
 Amplified DWDM networks
 Bandwidth aggregation
 Ring topologies with fixed and
reconfigurable OADMs
Finisar’s Dense Wavelength-Division Multiplexing (DWDM) transceivers offer DWDM
transport with dramatically lower power and cost in a standard pluggable Small Form
Factor Pluggable (SFP) package
1. The FWLF1631R is designed expressly for service
providers deploying DWDM networking equipment in metropolitan access and core
networks.
Basic digital diagnostic features for the FWLF1631R are implemented as described in
Finisar Application Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”4. Enhanced diagnostic features are available as described in the DWDM
SFP MSA
6.


Número de pieza similar - FWLF1631R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R18 FINISAR-FWLF1631R18 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R19 FINISAR-FWLF1631R19 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R20 FINISAR-FWLF1631R20 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R21 FINISAR-FWLF1631R21 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
More results

Descripción similar - FWLF1631R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com