Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8005 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8005
Descripción Electrónicos  270 MHz, 400A Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8005 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8005_15 Datasheet HTML 3Page - Analog Devices AD8005_15 Datasheet HTML 4Page - Analog Devices AD8005_15 Datasheet HTML 5Page - Analog Devices AD8005_15 Datasheet HTML 6Page - Analog Devices AD8005_15 Datasheet HTML 7Page - Analog Devices AD8005_15 Datasheet HTML 8Page - Analog Devices AD8005_15 Datasheet HTML 9Page - Analog Devices AD8005_15 Datasheet HTML 10Page - Analog Devices AD8005_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8005
Figure 12. Distortion vs. Frequency; VS = ±5 V
Figure 13. Differential Gain and Phase, VS = ±5 V
Figure 14. Output Voltage Swing vs. Load
Figure 15. Distortion vs. Frequency VS = +5 V
Figure 16. Differential Gain and Phase, VS = +5 V
Figure 17. Output Swing vs. Supply
1
10
20
FREQUENCY (MHz)
G = +2
VOUT = 2V p-p
RL = 1kΩ
–40
–60
–80
–100
–50
–70
–90
THIRD HARMONIC
SECOND HARMONIC
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
MODULATING RAMP LEVEL (IRE)
0.10
–0.05
0
0.06
–0.06
–0.04
–0.02
0
0.02
0.04
0.05
–0.10
MIN = –0.06 MAX = 0.03 p-p/MAX = 0.09
MIN = –0.01 MAX = 0.39 p-p = 0.40
VS = ±5V
G = +2
RL = 1kΩ
VS = ±5V
G = +2
RL = 1kΩ
10
1k
100
10k
LOAD RESISTANCE (Ω)
VS = ±5V
VS = +5V
9
0
1
2
3
4
5
6
7
8
1
10
20
FREQUENCY (MHz)
G = +2
VOUT = 2V p-p
RL = 1kΩ
–40
–60
–80
–100
–50
–70
–90
THIRD HARMONIC
SECOND HARMONIC
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
MODULATING RAMP LEVEL (IRE)
0.10
–0.05
0
1.0
–1.0
–0.5
0
0.5
0.05
–0.10
MIN = –0.08 MAX = 0.04 p-p/MAX = 0.12
MIN = 0.00 MAX = 0.70 p-p = 0.70
VS = +5V
G = +2
RL = 1kΩ TO +1.5V
VS = +5V
G = +2
RL = 1kΩ TO +1.5V
3
11
10
9
8
7
6
5
4
TOTAL SUPPLY VOLTAGES (V)
5
9
8
7
6
4
3
2
1
0
f = 5MHz
G = +2
RL = 1kΩ
Rev. B | Page 7 of 16


Número de pieza similar - AD8005_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8005AN AD-AD8005AN Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AN AD-AD8005AN Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

Descripción similar - AD8005_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com