Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDP1822CE Datasheet(PDF) 2 Page - Intersil Corporation |
|
CDP1822CE Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 8 page 6-12 Absolute Maximum Ratings Thermal Information DC Supply Voltage Range, (VDD) (All Voltages Referenced to VSS Terminal) CDP1822 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V CDP1822C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . . .±10mA Thermal Resistance (Typical) θJA (oC/W) θJC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 75 N/A SBDIP Package . . . . . . . . . . . . . . . . . . 80 21 Maximum Operating Temperature Range (TA) Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC Maximum Junction Temperature Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC Storage Temperature Range (TSTG). . . . . . . . . . . .-65 oC to +150oC TA = -40 oC to +60oC (Package Type E) . . . . . . . . . . . . . . 500mW TA = +60 oC to +85oC (Package Type E) . . . . . . Derate Linearly at . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12mW/oC to 200mW Lead Temperature (During Soldering). . . . . . . . . . . . . . . . . . . 300oC Recommended Operating Conditions At TA = Full Package Temperature Range. For maximum reliability, operating conditions should be selected so that operation is always within the following ranges: PARAMETER SYMBOL LIMITS UNITS CDP1822 CDP1822C MIN MAX MIN MAX DC Operating Voltage Range 4 10.5 4 6.5 V Input Voltage Range VSS VDD VSS VDD V Static Electrical Specifications At TA = -40 oC to +85oC, Except as Noted PARAMETER SYMBOL CONDITIONS LIMITS UNITS VO (V) VIN (V) VDD (V) CDP1822 CDP1822C MIN (NOTE 1) TYP MAX MIN (NOTE 1) TYP MAX Quiescent Device Current IDD - 0, 5 5 - - 500 - - 500 µA - 0, 10 10 - - 1000 - - - µA Output Low (Sink) Current IOL 0.4 0, 5 5 2 4 - 2 4 - mA 0.5 0, 10 10 4.5 9 - - - - mA Output High (Source) Current IOH 4.6 0, 5 5 -1 -2 - -1 -2 - mA 9.5 0, 10 10 -2.2 -4.4 - - - - mA Output Voltage Low-Level VOL - 0, 5 5 - 0 0.1 - 0 0.1 V - 0, 10 10 - 0 0.1 - - - V Output Voltage High-Level VOH - 0, 5 5 4.9 5 - 4.9 5 - V - 0, 10 10 9.9 10 - - - - V Input Low Voltage VIL 0.5, 4.5 - 5 - - 1.5 - - 1.5 V 0.5, 9.5 - 10 - - 3 - - - V Input High Voltage VIH 0.5, 9.5 - 5 3.5 - - 3.5 - - V 0.5, 9.5 - 10 7 - - - - - V Input Leakage Current IIN - 0, 5 5 - - ±5- - ±5 µA - 0, 10 10 - - ±10 - - - µA CDP1822, CDP1822C |
Número de pieza similar - CDP1822CE |
|
Descripción similar - CDP1822CE |