Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8026 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8026
Descripción Electrónicos  Quad High Speed Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8026 Datasheet(HTML) 3 Page - Analog Devices

  AD8026_15 Datasheet HTML 1Page - Analog Devices AD8026_15 Datasheet HTML 2Page - Analog Devices AD8026_15 Datasheet HTML 3Page - Analog Devices AD8026_15 Datasheet HTML 4Page - Analog Devices AD8026_15 Datasheet HTML 5Page - Analog Devices AD8026_15 Datasheet HTML 6Page - Analog Devices AD8026_15 Datasheet HTML 7Page - Analog Devices AD8026_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD8026
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VCC–VEE . . . . . . . . . . . . . . . . . . . . . . . 14.0 V
Internal Power Dissipation
2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . 0.9 W
+Input Voltage VCC–VIN+ . . . . . . . . . . . . . . . . . . . . . . < 12 V
–Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . < VEE + 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . > VEE – 12 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . . 0
°C to +70°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
14-Lead SOIC Package:
θ
JA = 120 °C/W, where PD = (TJ – TA)/θJA.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8026 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately +150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of +175
°C for an extended
period can result in device failure.
While the AD8026 is internally short circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature (+150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE – C
1.5
1.0
0.5
–10
80
0
10
20
30
40
50
60
70
TJ = +150 C
Figure 2. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8026AR
0
°C to +70°C 14-Lead Plastic SOIC SO-14
AD8026AR-REEL
0
°C to +70°C REEL SOIC
SO-14
AD8026AR-REEL7 0
°C to +70°C REEL 7 SOIC
SO-14
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8026 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
–IN A
+IN A
VCC
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
VEE
+IN C
OUT A
AD8026
–IN C
OUT C


Número de pieza similar - AD8026_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8026AR AD-AD8026AR Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
AD8026AR-REEL AD-AD8026AR-REEL Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
AD8026AR-REEL7 AD-AD8026AR-REEL7 Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
More results

Descripción similar - AD8026_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8026 AD-AD8026 Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
OP467 AD-OP467 Datasheet
242Kb / 16P
   Quad Precision, High Speed Operational Amplifier
REV. C
OP467 AD-OP467_07 Datasheet
613Kb / 20P
   Quad Precision, High Speed Operational Amplifier
Rev. F
OP467 AD-OP467_15 Datasheet
488Kb / 20P
   Quad Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
   High Speed Single Supply Quad Operational Amplifier
logo
Elantec Semiconductor
EL2423 ELANTEC-EL2423 Datasheet
696Kb / 9P
   Quad De-Compensated High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com