Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDP1851CE Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza CDP1851CE
Descripción Electrónicos  CMOS Programmable I/O Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1851CE Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP1851CE Datasheet HTML 2Page - Intersil Corporation CDP1851CE Datasheet HTML 3Page - Intersil Corporation CDP1851CE Datasheet HTML 4Page - Intersil Corporation CDP1851CE Datasheet HTML 5Page - Intersil Corporation CDP1851CE Datasheet HTML 6Page - Intersil Corporation CDP1851CE Datasheet HTML 7Page - Intersil Corporation CDP1851CE Datasheet HTML 8Page - Intersil Corporation CDP1851CE Datasheet HTML 9Page - Intersil Corporation CDP1851CE Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4-10
TABLE 1. (RA1 = 0, RA0 = 1)
(NOTE 1)
MODE SET
76543210
Input
0
0
X
Set B
Set A
X
1
1
Output
0
1
X
Set B
Set A
X
1
1
Bit-Programmable
1
1
X
Set B
Set A
X
1
1
Bidirectional
1
0
X
X
Set A
X
1
1
NOTE:
1. Modes should be set in order as shown in Table 1.
If either port is set for bit-programmable mode, the two following control bytes should immediately follow:
TABLE 2. (RA1 = 0, RA0 = 1)
76543210
Bit-Programming (Note 1)
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
STROBE/RDY I/O Control (Notes 2 - 8)
D7
D6
D5
D4
D3
D2
D1
D0
NOTES:
1. Output = 1, Input = 0
2. (D1) 0 = Port A, 1 = Port B
3. (D2) 0 = No change to RDY line function, 1 = Change per bit (D6)
4. (D3) 0 = No change to STROBE line function, 1 = Change per bit (D7)
5. (D4) RDY line output data
6. (D5) STROBE line output data
7. (D6) RDY line used as:
Output = 1
Input = 0
8. (D7) STROBE line used as:
Output = 1
Input = 0
If interrupts will be used for either bit-programmed port, the following control bytes should be loaded.
TABLE 3. (RA1 = 0, RA0 = 1)
INTERRUPT CONTROL
76543210
Logical Conditions and Mask
0
D6
D5
D4
D3
1
0
1
NOTES:
1. (D3) 0 = Port A, 1 = Port B
2. (D4) 0 = No change in mask, 1 = Mask follows (See Table 3A)
3. (D5)(D6) 0, 0 = NAND; 1, 0 = OR; 0, 1 = NOR; 1, 1 = AND
TABLE 3A. (RA1 = 0, RA0 = 1)
INTERRUPT CONTROL
76543210
Mask Register (If D4 = 1)
B7 Mask
B6 Mask
B5 Mask
B4 Mask
B3 Mask
B2 Mask
B1 Mask
B0 Mask
NOTE:
1. If Bn Mask = 1 then mask Bit (for n = 0 to 7)
CDP1851, CDP1851C


Número de pieza similar - CDP1851CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CDP1852 INTERSIL-CDP1852 Datasheet
153Kb / 9P
   Byte-Wide Input/Output Port
March 1997
CDP1852/3 INTERSIL-CDP1852/3 Datasheet
218Kb / 7P
   High-Reliability Byte-Wide Input/Output Port
CDP18523 INTERSIL-CDP18523 Datasheet
218Kb / 7P
   High-Reliability Byte-Wide Input/Output Port
CDP1852C INTERSIL-CDP1852C Datasheet
153Kb / 9P
   Byte-Wide Input/Output Port
March 1997
CDP1852C/3 INTERSIL-CDP1852C/3 Datasheet
218Kb / 7P
   High-Reliability Byte-Wide Input/Output Port
More results

Descripción similar - CDP1851CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
Toshiba Semiconductor
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
TMP82C265BF TOSHIBA-TMP82C265BF Datasheet
1Mb / 31P
   CMOS PROGRAMMABLE PERIHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14