Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8042 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8042
Descripción Electrónicos  Dual 160 MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8042_15 Datasheet HTML 5Page - Analog Devices AD8042_15 Datasheet HTML 6Page - Analog Devices AD8042_15 Datasheet HTML 7Page - Analog Devices AD8042_15 Datasheet HTML 8Page - Analog Devices AD8042_15 Datasheet HTML 9Page - Analog Devices AD8042_15 Datasheet HTML 10Page - Analog Devices AD8042_15 Datasheet HTML 11Page - Analog Devices AD8042_15 Datasheet HTML 12Page - Analog Devices AD8042_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD8042
Rev. E | Page 8 of 16
30
300
100
10
3
1
10
1G
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 11. Input Voltage Noise vs. Frequency
–60
–40
–30
–50
–70
–100
–80
–90
110
9
8
7
6
5
4
3
2
FUNDAMENTAL FREQUENCY (MHz)
VS = 3V, AV = –1,
RL = 100Ω TO 1.5V
VS = 5V, AV = +2,
RL = 100Ω TO 2.5V
VS = 5V, AV = +1,
RL = 100Ω TO 2.5V
VS = 5V, AV = +2,
RL = 1kΩ TO 2.5V
VS = 5V, AV = +1,
RL = 1kΩ TO 2.5V
Figure 12. Total Harmonic Distortion vs. Frequency
–60
–40
–30
–50
–70
–110
–100
–80
–90
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V p-p)
10MHz
5MHz
1MHz
VS = 5V, G = +2,
RL = 1kΩ TO 2.5V
Figure 13. Worst Harmonic vs. Output Voltage
0.01
0.03
0.04
0.02
–0.01
0.05
0
–0.01
0.04
0.03
0.02
0.01
0
0
100
90
80
70
60
50
40
30
20
10
MODULATING RAMP LEVEL (IRE)
NTSC SUBCARRIER (3.579MHz)
VS = +5V
G = +2
RL = 150Ω TO 2.5V
VS = ±5V
G = +2
RL = 150Ω
VS = ±5V
G = +2
RL = 150Ω
VS = +5V
G = +2
RL = 150Ω TO 2.5V
Figure 14. Differential Gain and Phase Errors
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1
500
100
10
FREQUENCY (MHz)
VS = 5V
G = +2
RF = 200Ω
RL = 150Ω TO 2.5V
14MHz
Figure 15. 0.1 dB Gain Flatness
120
100
80
60
40
20
0
–20
–40
–60
–80
45
0
–45
–90
–135
–180
–225
–270
0.01
500
10
100
1
0.1
FREQUENCY (MHz)
VS = 5V
G = +2
RF = 200Ω
RL = 150Ω TO 2.5V
GAIN
PHASE
Figure 16. Open-Loop Gain and Phase vs. Frequency


Número de pieza similar - AD8042_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AN AD-AD8042AN Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AR AD-AD8042AR Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Descripción similar - AD8042_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com