Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC818A-25 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BC818A-25
Descripción Electrónicos  NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC818A-25 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC818A-25 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-
r
o
t
c
e
ll
o
C
CBO
30
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
C
CEO
25
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
5
V
I
)
C
D
(
t
n
e
r
r
u
c
r
o
t
c
e
ll
o
C
C
500
mA
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
c
k
a
e
P
CM
1
A
I
t
n
e
rr
u
c
e
s
a
B
B
100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
D
310
mW
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-65 to +150
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
Electrical Characteristics Ta = 25
Symbol
Test conditions
Min
Typ
Max
Unit
Collector to base breakdown voltage
VCBO
IC = 10 A, IE = 0
30
V
Collector to emitter breakdown voltage
V CEO
IC = 10 mA, IB
V
5
2
0
=
VEBO
IE = 10 A, IC = 0
5
V
VCB = 25 V, IE
A
n
0
0
1
0
=
VCB = 25 V, IE = 0 , TA = 150
50
A
IEBO
VEB = 4 V, IC
A
n
0
0
1
0
=
0
5
2
0
6
1
0
0
1
6
1
-
A
8
1
8
C
B
0
0
4
0
5
2
0
6
1
5
2
-
A
8
1
8
C
B
0
3
6
0
5
3
0
5
2
0
4
-
A
8
1
8
C
B
VCE(sat) IC = 500 mA, IB
V
7
.
0
A
m
0
5
=
VBE(sat) IC = 500 mA, IB
V
2
.
1
A
m
0
5
=
CCb
VCB
F
p
6
z
H
M
1
=
f
,
V
0
1
=
Ceb
VEB
F
p
0
6
z
H
M
1
=
f
,
V
5
.
0
=
fT
IC = 50 mA, VCE = 5 V, f = 100 MHz
170
MHz
* Pulsed: PW
350 us, duty cycle
2%
Base to emitter voltage *
Collector cutoff current
Collector-base capacitance
Transition frequency
Emitter-base capacitance
Collector saturation voltage *
IC = 100 mA, VCE = -1 V
Parameter
Emitter cutoff current
DC current gain *
Emitter to base breakdown voltage
hFE
ICBO
Marking
NO.
BC818A-16
BC818A-25
BC818A-40
Marking
6E
6F
6G
NPN Transistors
BC818A (KC818A)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Complementary PNP type available(BC808A)


Número de pieza similar - BC818A-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BC818A-25 KEXIN-BC818A-25 Datasheet
544Kb / 1P
   NPN Transistors
More results

Descripción similar - BC818A-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com