Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8108 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8108
Descripción Electrónicos  325 MHz, 8 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8108 Datasheet(HTML) 4 Page - Analog Devices

  AD8108_15 Datasheet HTML 1Page - Analog Devices AD8108_15 Datasheet HTML 2Page - Analog Devices AD8108_15 Datasheet HTML 3Page - Analog Devices AD8108_15 Datasheet HTML 4Page - Analog Devices AD8108_15 Datasheet HTML 5Page - Analog Devices AD8108_15 Datasheet HTML 6Page - Analog Devices AD8108_15 Datasheet HTML 7Page - Analog Devices AD8108_15 Datasheet HTML 8Page - Analog Devices AD8108_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD8108/AD8109
Rev. B | Page 3 of 32
AD8108/AD8109—SPECIFICATIONS
VS = ±5 V, TA = +25°C, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
Reference
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p, RL = 150 Ω
240/150
325/250
MHz
Figure 1,
Figure 13
2 V p-p, RL = 150 Ω
140/160
MHz
Figure 1,
Figure 13
Propagation Delay
2 V p-p, RL = 150 Ω
5
ns
Slew Rate
2 V Step, RL = 150 Ω
400/480
V/µs
Settling Time
0.1%, 2 V Step, RL = 150 Ω
40
ns
Figure 15,
Figure 18
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150 Ω
60/50
MHz
Figure 1,
Figure 13
0.05 dB, 2 V p-p, RL = 150 Ω
60/50
MHz
Figure 1,
Figure 13
0.1 dB, 200 mV p-p, RL = 150 Ω
70/65
MHz
Figure 1,
Figure 13
0.1 dB, 2 V p-p, RL = 150 Ω
80/50
MHz
Figure 1,
Figure 13
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 kΩ
0.01
%
NTSC or PAL, RL = 150 Ω
0.02
%
Differential Phase Error
NTSC or PAL, RL = 1 kΩ
0.01
Degrees
NTSC or PAL, RL = 150 Ω
0.02
Degrees
Crosstalk, All Hostile
f = 5 MHz
83/85
dB
Figure 8,
Figure 14
f = 10 MHz
76/83
dB
Figure 8,
Figure 14
Off Isolation, Input-Output
f = 10 MHz, RL =150 Ω,
one channel
93/98
dB
Figure 23,
Figure 29
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/√Hz
Figure 20,
Figure 26
DC PERFORMANCE
Gain Error
RL = 1 kΩ
0.04/0.1
0.07/0.5
%
RL = 150 Ω
0.15/0.25
%
Gain Matching
No load, channel-channel
0.02/1.0
%
RL = 1 kΩ, channel-channel
0.09/1.0
%
Gain Temperature Coefficient
0.5/8
ppm/°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.2
Figure 24,
Figure 30
Disabled
10/0.001
MΩ
Figure 21,
Figure 27
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled, AD8108 only
1/NA
µA
Output Voltage Range
No load
±2.5
±3
V
Output Current
20
40
mA
Short-Circuit Current
65
mA


Número de pieza similar - AD8108_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Descripción similar - AD8108_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com