Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8111 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8111
Descripción Electrónicos  260 MHz, 16 8 Buffered Video Crosspoint Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8111 Datasheet(HTML) 5 Page - Analog Devices

  AD8111_15 Datasheet HTML 1Page - Analog Devices AD8111_15 Datasheet HTML 2Page - Analog Devices AD8111_15 Datasheet HTML 3Page - Analog Devices AD8111_15 Datasheet HTML 4Page - Analog Devices AD8111_15 Datasheet HTML 5Page - Analog Devices AD8111_15 Datasheet HTML 6Page - Analog Devices AD8111_15 Datasheet HTML 7Page - Analog Devices AD8111_15 Datasheet HTML 8Page - Analog Devices AD8111_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
REV. A
AD8110/AD8111
–4–
TIMING CHARACTERISTICS (Parallel)
Limit
Parameter
Symbol
Min
Max
Unit
Data Setup Time
t1
20
ns
CLK Pulsewidth
t2
100
ns
Data Hold Time
t3
20
ns
CLK Pulse Separation
t4
100
ns
CLK to
UPDATE Delay
t5
0ns
UPDATE Pulsewidth
t6
50
ns
Propagation Delay,
UPDATE to Switch On or Off
8
ns
CLK,
UPDATE Rise and Fall Times
100
ns
RESET Time
200
ns
t5
t6
t4
t2
t1
t3
1
0
1
0
1 = LATCHED
CLK
D0–D4
A0–A2
0 = TRANSPARENT
UPDATE
Figure 2. Timing Diagram, Parallel Mode
Table II. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
CLK, D0, D1, D2,
CLK, D0, D1, D2,
CLK, D0, D1, D2,
CLK, D0, D1, D2,
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
D3, D4, A0, A1, A2
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.7 V min
0.5 V max
20
µA max
–400
µA min
–400
µA max
3.0 mA min


Número de pieza similar - AD8111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8111-EB AD-AD8111-EB Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111-EB AD-AD8111-EB Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111-EB AD-AD8111-EB Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111AST AD-AD8111AST Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111AST AD-AD8111AST Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

Descripción similar - AD8111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com