Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8129 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8129
Descripción Electrónicos  Low Cost 270 MHz Differential Receiver Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 3 Page - Analog Devices

  AD8129_15 Datasheet HTML 1Page - Analog Devices AD8129_15 Datasheet HTML 2Page - Analog Devices AD8129_15 Datasheet HTML 3Page - Analog Devices AD8129_15 Datasheet HTML 4Page - Analog Devices AD8129_15 Datasheet HTML 5Page - Analog Devices AD8129_15 Datasheet HTML 6Page - Analog Devices AD8129_15 Datasheet HTML 7Page - Analog Devices AD8129_15 Datasheet HTML 8Page - Analog Devices AD8129_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
AD8129/AD8130
Rev. C | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagram ....................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
AD8129/AD8130 Specifications..................................................... 3
5 V Specifications ......................................................................... 3
±5 V Specifications....................................................................... 5
±12 V Specifications..................................................................... 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
AD8130 Frequency Response Characteristics........................ 10
AD8129 Frequency Response Characteristics........................ 13
AD8130 Harmonic Distortion Characteristics ...................... 16
AD8129 Harmonic Distortion Characteristics ...................... 18
AD8130 Transient Response Characteristics.......................... 23
AD8129 Transient Response Characteristics.......................... 26
Theory of Operation ...................................................................... 32
Op Amp Configuration ............................................................. 32
Applications..................................................................................... 33
Basic Gain Circuits..................................................................... 33
Twisted-Pair Cable, Composite Video Receiver with
Equalization Using an AD8130................................................... 33
Output Offset/Level Translator ................................................ 34
Resistorless Gain of 2 ................................................................. 35
Summer ....................................................................................... 35
Cable-Tap Amplifier .................................................................. 35
Power-Down ............................................................................... 36
Extreme Operating Conditions ................................................ 36
Power Dissipation....................................................................... 37
Layout, Grounding, and Bypassing.......................................... 38
Outline Dimensions ....................................................................... 39
Ordering Guide .......................................................................... 40
REVISION HISTORY
11/05—Rev. B to Rev. C
Changes to 5 V Specifications......................................................... 3
Changes to Table 4 and Maximum Power Dissipation Section.. 9
Changes to Figure 16...................................................................... 11
Changes to Figure 17...................................................................... 12
9/05—Rev. A to Rev. B
Extended Temperature Range...........................................Universal
Deleted Figure 5................................................................................ 5
Added Thermal Resistance Section ............................................... 9
Updated Outline Dimensions ....................................................... 39
Changes to Ordering Guide .......................................................... 40
3/05—Rev. 0 to Rev. A
Changes to Specifications.................................................................2
Replaced Figure 3 ..............................................................................5
Changes to Ordering Guide .............................................................6
Updated Outline Dimensions....................................................... 27
Revision 0: Initial Version


Número de pieza similar - AD8129_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8129-EVAL AD-AD8129-EVAL Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR AD-AD8129AR Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR AD-AD8129AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL AD-AD8129AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL1 AD-AD8129AR-REEL1 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
More results

Descripción similar - AD8129_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com