Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8182 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8182
Descripción Electrónicos  10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8182 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8182_15 Datasheet HTML 3Page - Analog Devices AD8182_15 Datasheet HTML 4Page - Analog Devices AD8182_15 Datasheet HTML 5Page - Analog Devices AD8182_15 Datasheet HTML 6Page - Analog Devices AD8182_15 Datasheet HTML 7Page - Analog Devices AD8182_15 Datasheet HTML 8Page - Analog Devices AD8182_15 Datasheet HTML 9Page - Analog Devices AD8182_15 Datasheet HTML 10Page - Analog Devices AD8182_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8180/AD8182
–7–
REV. B
for RL > 10 k
Ω. For heavier loads, the dc gain is approximately
that of the voltage divider formed by the output impedance of
the mux (typically 27
Ω) and R
L.
High speed disable clamp circuits at the bases of Q5–Q8 (not
shown) allow the buffers to turn off quickly and cleanly without
dissipating much power once off. Moreover, these clamps shunt
displacement currents flowing through the junction capacitances
of Q1–Q4 away from the bases of Q5–Q8 and to ac ground
through low impedances. The two-pole high pass frequency
response of the T switch formed by these clamps is a significant
improvement over the one-pole high pass response of a simple
series CMOS switch. As a result, board and package parasitics,
especially stray capacitance between inputs and outputs may
limit the achievable crosstalk and off isolation.
LAYOUT CONSIDERATIONS:
Realizing the high speed performance attainable with the
AD8180 and AD8182 requires careful attention to board layout
and component selection. Proper RF design techniques and low
parasitic component selection are mandatory.
Wire wrap boards, prototype boards, and sockets are not recom-
mended because of their high parasitic inductance and capaci-
tance. Instead, surface-mount components should be soldered
directly to a printed circuit board (PCB). The PCB should have
a ground plane covering all unused portions of the component
side of the board to provide a low impedance ground path. The
ground plane should be removed from the area near input and
output pins to reduce stray capacitance.
Chip capacitors should be used for supply bypassing. One end
of the capacitor should be connected to the ground plane and
the other within 1/4 inch of each power pin. An additional large
(4.7
µF–10 µF) tantalum capacitor should be connected in
parallel with each of the smaller capacitors for low impedance
supply bypassing over a broad range of frequencies.
Signal traces should be as short as possible. Stripline or micros-
trip techniques should be used for long signal traces (longer
than about 1 inch). These should be designed with a character-
istic impedance of 50
Ω or 75 Ω and be properly terminated at
the end using surface mount components.
Careful layout is imperative to minimize crosstalk. Guards
(ground or supply traces) must be run between all signal traces
to limit direct capacitive coupling. Input and output signal lines
should fan out away from the mux as much as possible. If mul-
tiple signal layers are available, a buried stripline structure hav-
ing ground plane above, below, and between signal traces will
have the best crosstalk performance.
Return currents flowing through termination resistors can also
increase crosstalk if these currents flow in sections of the finite-
impedance ground circuit that is shared between more than one
input or output. Minimizing the inductance and resistance of the
ground plane can reduce this effect, but further care should be
taken in positioning the terminations. Terminating cables directly
at the connectors will minimize the return current flowing on the
board, but the signal trace between the connector and the mux will
look like an open stub and will degrade the frequency response.
Moving the termination resistors close to the input pins will im-
prove the frequency response, but the terminations from neigh-
boring inputs should not have a common ground return.
THEORY OF OPERATION
The AD8180 and AD8182 video multiplexers are designed for
fast-switching (10 ns) and wide bandwidth (> 750 MHz). This
performance is attained with low power dissipation (3.8 mA per
active channel) through the use of proprietary circuit techniques
and a dielectrically-isolated complementary bipolar process.
These devices have a fast disable function that allows the out-
puts of several muxes to be wired in parallel to form a larger mux
with little degradation in switching time. The low disabled output
capacitance (1.7 pF) of these muxes helps to preserve the system
bandwidth in larger matrices. Unlike earlier CMOS switches,
the switched open-loop buffer architecture of the AD8180 and
AD8182 provides a unidirectional signal path with minimal switch-
ing glitches and constant, low input capacitance. Since the input
impedance of these muxes is nearly independent of the load imped-
ance and the state of the mux, the frequency response of the ON
channels in a large switch matrix is not affected by fanout.
Figure 22 shows a block diagram and simplified schematic of the
AD8180, which contains two switched buffers (S0 and S1) that
share a common output. The decoder logic translates TTL-
compatible logic inputs (SELECT and
ENABLE) to internal,
differential ECL levels for fast, low-glitch switching. The SELECT
input determines which of the two buffers is enabled, unless the
ENABLE input is HIGH, in which case both buffers are disabled
and the output is switched to a high impedance state.
Q5
Q7
Q3
Q1
S0
I1
I3
Q6
Q8
Q4
Q2
S1
I2
I4
DECODER
AD8180
1
2
3
4
IN0
GND
IN1
+VS
8
7
6
5
–VS
OUT
ENABLE
SELECT
Figure 22. Block Diagram and Simplified Schematic of the
AD8180 Multiplexer
Each open-loop buffer is implemented as a complementary
emitter follower that provides high input impedance, symmetric
slew rate and load drive, and high output-to-input isolation due to
its
β2 current gain. The selected buffer is biased ON by fast
switched current sources that allow the buffer to turn on quickly.
Dedicated flatness circuits, combined with the open-loop architec-
ture of the AD8180 and AD8182, keep peaking low (typically
< 1 dB) when driving high capacitive loads, without the need for
external series resistors at the input or output. If better flatness
response is desired, an input series resistance (RS) may be used
(refer to Figure 20), although this will increase crosstalk. The dc
gain of the AD8180 and AD8182 is almost independent of load


Número de pieza similar - AD8182_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8182-EB AD-AD8182-EB Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Descripción similar - AD8182_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
National Semiconductor ...
CERPACK NSC-CERPACK Datasheet
350Kb / 10P
   10 Lead Cerpack NS Package Number W10A
logo
Texas Instruments
ADC10061 TI1-ADC10061_15 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
logo
PHOENIX CONTACT
3213468 PHOENIX-3213468 Datasheet
117Kb / 16P
   COMBI receptacle - PPC 1,5/S-NS/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com