Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8189 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8189
Descripción Electrónicos  350 MHz Single-Supply Triple 2:1 Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8189_15 Datasheet HTML 3Page - Analog Devices AD8189_15 Datasheet HTML 4Page - Analog Devices AD8189_15 Datasheet HTML 5Page - Analog Devices AD8189_15 Datasheet HTML 6Page - Analog Devices AD8189_15 Datasheet HTML 7Page - Analog Devices AD8189_15 Datasheet HTML 8Page - Analog Devices AD8189_15 Datasheet HTML 9Page - Analog Devices AD8189_15 Datasheet HTML 10Page - Analog Devices AD8189_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3
–6
–5
–4
–3
–2
–1
0
1
2
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
DUT
976Ω
50Ω
52.3Ω
GAIN
FLATNESS
Figure 5. AD8188 Frequency Response, VOUT = 200 mV p-p, RL = 1 kΩ
1
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
DUT
976Ω
150Ω
50Ω
52.3Ω
Figure 6. AD8188 Frequency Response, VOUT = 2 V p-p, RL = 1 kΩ
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
DUT
976Ω
150Ω
50Ω
52.3Ω
+85°C
+25°C
–40°C
Figure 7. AD8188 Large Signal Bandwidth vs. Temperature,
VOUT = 2 V p-p, RL = 1 kΩ
1
–6
–5
–4
–3
–2
–1
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
GAIN
FLATNESS
Figure 8. AD8189 Frequency Response, VOUT = 200 mV p-p, RL = 150 Ω
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
Figure 9. AD8189 Frequency Response, VOUT = 2 V p-p, RL = 150 Ω
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 10. AD8189 Large Signal Bandwidth vs. Temperature,
VOUT = 2 V p-p, RL = 150 Ω


Número de pieza similar - AD8189_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8189ARUZ AD-AD8189ARUZ Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189ARUZ-R7 AD-AD8189ARUZ-R7 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189ARUZ-RL AD-AD8189ARUZ-RL Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189Z-EVALZ AD-AD8189Z-EVALZ Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
More results

Descripción similar - AD8189_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com