Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8309 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8309
Descripción Electrónicos  5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 3 Page - Analog Devices

  AD8309_15 Datasheet HTML 1Page - Analog Devices AD8309_15 Datasheet HTML 2Page - Analog Devices AD8309_15 Datasheet HTML 3Page - Analog Devices AD8309_15 Datasheet HTML 4Page - Analog Devices AD8309_15 Datasheet HTML 5Page - Analog Devices AD8309_15 Datasheet HTML 6Page - Analog Devices AD8309_15 Datasheet HTML 7Page - Analog Devices AD8309_15 Datasheet HTML 8Page - Analog Devices AD8309_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
AD8309
–3–
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 V
Input Level, Differential (re 50
Ω) . . . . . . . . . . . . . . . +26 dBm
Input Level, Single-Ended (re 50
Ω) . . . . . . . . . . . . . +20 dBm
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 500 mW
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27.6
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . +125
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8309 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COM2
VLOG
AD8309
VPS1
PADL
INHI
INLO
PADL
COM1
ENBL
VPS2
PADL
LMHI
LMLO
PADL
FLTR
LMDR
PIN FUNCTION DESCRIPTIONS
Pin
Name
Function
1
COM2
Special Common Pin for RSSI Output.
2
VPS1
Supply Pin for First Five Amplifier Stages
and the Main Biasing System.
3, 6, 11, 14 PADL
Four Tie-Downs to the Paddle on Which
the IC Is Mounted; Grounded.
4
INHI
Signal Input, HI or Plus Polarity.
5
INLO
Signal Input, LO or Minus Polarity.
7
COM1
Main Common Connection.
8
ENBL
Chip Enable; Active When HI.
9
LMDR Limiter Drive Programming Pin.
10
FLTR
RSSI Bandwidth-Reduction Pin.
12
LMLO
Limiter Output, LO or Minus Polarity.
13
LMHI
Limiter Output, HI or Plus Polarity.
15
VPS2
Supply Pin for Sixth Gain Stage, Limiter
and RSSI Output Stage Load Current.
16
VLOG
Logarithmic (RSSI) Output.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8309ARU
–40
°C to +85°C 16-Lead TSSOP
RU-16
AD8309ARU-REEL
–40
°C to +85°C 13" Tape and Reel RU-16
AD8309ARU-REEL7 –40
°C to +85°C 7" Tape and Reel
RU-16
AD8309-EVAL
Evaluation Board
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may effect device reliability.


Número de pieza similar - AD8309_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8309-EVAL AD-AD8309-EVAL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309-EVAL AD-AD8309-EVAL Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU AD-AD8309ARU Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARU AD-AD8309ARU Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309ARU-REEL AD-AD8309ARU-REEL Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results

Descripción similar - AD8309_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
   5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com