Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8328 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8328
Descripción Electrónicos  5 V Upstream Cable Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8328_15 Datasheet HTML 6Page - Analog Devices AD8328_15 Datasheet HTML 7Page - Analog Devices AD8328_15 Datasheet HTML 8Page - Analog Devices AD8328_15 Datasheet HTML 9Page - Analog Devices AD8328_15 Datasheet HTML 10Page - Analog Devices AD8328_15 Datasheet HTML 11Page - Analog Devices AD8328_15 Datasheet HTML 12Page - Analog Devices AD8328_15 Datasheet HTML 13Page - Analog Devices AD8328_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8328
Rev. A | Page 10 of 20
APPLICATIONS
GENERAL APPLICATIONS
The AD8328 is primarily intended for use as the power
amplifier (PA) in Data Over Cable Service Interface Specification
(DOCSIS)-certified cable modems and CATV set-top boxes.
The upstream signal is either a QPSK or QAM signal generated
by a DSP, a dedicated QPSK/QAM modulator, or a DAC. In all
cases, the signal must be low-pass filtered before being applied
to the PA to filter out-of-band noise and higher order
harmonics from the amplified signal.
Due to the varying distances between the cable modem and the
head-end, the upstream PA must be capable of varying the
output power by applying gain or attenuation. The ability to
vary the output power of the AD8328 ensures that the signal
from the cable modem has the proper level once it arrives at the
head-end. The upstream signal path commonly includes a
diplexer and cable splitters. The AD8328 has been designed to
overcome losses associated with these passive components in
the upstream cable path.
CIRCUIT DESCRIPTION
The AD8328 is composed of three analog functions in the
power-up or forward mode. The input amplifier (preamp) can
be used single-ended or differentially. If the input is used in the
differential configuration, it is imperative that the input signals
be 180° out of phase and of equal amplitude. A vernier is used
in the input stage for controlling the fine 1 dB gain steps. This
stage then drives a DAC, which provides the bulk of the
AD8328’s attenuation. The signals in the preamp and DAC gain
blocks are differential to improve the PSRR and linearity. A
differential current is fed from the DAC into the output stage.
The output stage maintains 300 Ω differential output impedance,
which maintains proper match to 75 Ω when used with a 2:1
balun transformer.
VIN+
VIN–
VCC
GND
AD8328
BYP
RL
5V
VIN
VIN
VOUT+
VOUT–
1
2
1
2
Figure 19. Characterization Circuit
SPI PROGRAMMING AND GAIN ADJUSTMENT
The AD8328 is controlled through a serial peripheral interface
(SPI) of three digital data lines: CLK, DATEN, and SDATA.
Changing the gain requires eight bits of data to be streamed into
the SDATA port. The sequence of loading the SDATA register
begins on the falling edge of the DATEN pin, which activates
the CLK line. With the CLK line activated, data on the SDATA
line is clocked into the serial shift register on the rising edge of
the CLK pulses, MSB first. The 8-bit data-word is latched into
the attenuator core on the rising edge of the DATEN line. This
provides control over the changes in the output signal level. The
serial interface timing for the AD8328 is shown in Figure 3 and
Figure 4. The programmable gain range of the AD8328 is
−28 dB to +31 dB with steps of 1 dB per least significant bit
(LSB). This provides a total gain range of 59 dB. The AD8328
was characterized with a differential signal on the input and a
TOKO 458PT-1087 2:1 transformer on the output. The AD8328
incorporates supply current scaling with gain code, as shown in
Figure 18. This allows reduced power consumption when
operating in lower gain codes.
INPUT BIAS, IMPEDANCE, AND TERMINATION
The VIN+ and VIN− inputs have a dc bias level of VCC/2; therefore,
the input signal should be ac-coupled as shown in Figure 20.
The differential input impedance of the AD8328 is approximately
1.6 kΩ, while the single-ended input is 800 Ω. The high input
impedance of the AD8328 allows flexibility in termination and
properly matching filter networks. The AD8328 exhibits
optimum performance when driven with a pure differential
signal.
OUTPUT BIAS, IMPEDANCE, AND TERMINATION
The output stage of the AD8328 requires a bias of 5 V. The 5 V
power supply should be connected to the center tap of the
output transformer. In addition, the VCC applied to the center
tap of the transformer should be decoupled as seen in Figure 20.


Número de pieza similar - AD8328_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8328ACP AD-AD8328ACP Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328ACP AD-AD8328ACP Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ACP-EVAL AD-AD8328ACP-EVAL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ACP-REEL AD-AD8328ACP-REEL Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328ACP-REEL AD-AD8328ACP-REEL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
More results

Descripción similar - AD8328_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com