Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8352 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8352
Descripción Electrónicos  2 GHz Ultralow Distortion Differential RF/IF Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 4 Page - Analog Devices

  AD8352_15 Datasheet HTML 1Page - Analog Devices AD8352_15 Datasheet HTML 2Page - Analog Devices AD8352_15 Datasheet HTML 3Page - Analog Devices AD8352_15 Datasheet HTML 4Page - Analog Devices AD8352_15 Datasheet HTML 5Page - Analog Devices AD8352_15 Datasheet HTML 6Page - Analog Devices AD8352_15 Datasheet HTML 7Page - Analog Devices AD8352_15 Datasheet HTML 8Page - Analog Devices AD8352_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8352
Rev. B | Page 4 of 20
NOISE DISTORTION SPECIFICATIONS
VS = 5 V, RL = 200 Ω differential, RG = 118 Ω (AV = 10 dB), VOUT = 2 V p-p composite, T = 25°C; parameters specified differentially, unless
otherwise noted. CD and RD are selected for differential broadband operation (see Table 5 and Table 6). See the Applications Information
section for single-ended-to-differential performance characteristics.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
10 MHz
Second/Third Harmonic Distortion1
RL = 1 kΩ, VOUT = 2 V p-p
−88/−95
dBc
RL = 200 Ω, VOUT = 2 V p-p
−86/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 9.5 MHz, f2 = 10.5 MHz
38
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−86
dBc
RL = 200 Ω, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p composite
−81
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.7
dBm
70 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, RG = 178 Ω, VOUT = 2 V p-p
−83/−84
dBc
RL = 200 Ω, RG = 115 Ω, VOUT = 2 V p-p
−84/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 69.5 MHz, f2 = 70.5 MHz
40
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p composite
−91
dBc
RL = 200 Ω, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p composite
−83
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.7
dBm
100 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, VOUT = 2 V p-p
−83/−83
dBc
RL = 200 Ω, VOUT = 2 V p-p
−84/−82
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 99.5 MHz, f2 = 100.5 MHz
40
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 99.5 MHz, f2 = 100.5 MHz,
VOUT = 2 V p-p composite
−91
dBc
RL = 200 Ω, f1 = 99.5 MHz, f2 = 100.5 MHz,
VOUT = 2 V p-p composite
−84
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.6
dBm
140 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, VOUT = 2 V p-p
−83/−82
dBc
RL = 200 Ω, VOUT = 2 V p-p
−82/−84
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 139.5 MHz, f2 = 140.5 MHz
41
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p composite
−89
dBc
RL = 200 Ω, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p composite
−85
dBc
Noise Spectral Density (RTI)
2.7
nV/√Hz
1 dB Compression Point (RTO)
15.5
dBm


Número de pieza similar - AD8352_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
More results

Descripción similar - AD8352_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com