Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8370 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8370
Descripción Electrónicos  LF to 750 MHz, Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 3 Page - Analog Devices

  AD8370_15 Datasheet HTML 1Page - Analog Devices AD8370_15 Datasheet HTML 2Page - Analog Devices AD8370_15 Datasheet HTML 3Page - Analog Devices AD8370_15 Datasheet HTML 4Page - Analog Devices AD8370_15 Datasheet HTML 5Page - Analog Devices AD8370_15 Datasheet HTML 6Page - Analog Devices AD8370_15 Datasheet HTML 7Page - Analog Devices AD8370_15 Datasheet HTML 8Page - Analog Devices AD8370_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD8370
Rev. B | Page 3 of 28
SPECIFICATIONS
VS = 5 V, T = 25°C, ZS = 200 Ω, ZL = 100 Ω at gain code HG127, 70 MHz, 1 V p-p differential output, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT < 1 V p-p
750
MHz
Slew Rate
Gain Code HG127, RL = 1 kΩ, AD8370 in compression
5.75
V/ns
Gain Code LG127, RL = 1 kΩ, VOUT = 2 V p-p
3.5
V/ns
INPUT STAGE
Pins INHI and IHLO
Maximum Input
Gain Code LG2, 1 dB compression
3.2
V p-p
Input Resistance
Differential
200
Common-Mode Input Range
3.2
V p-p
CMRR
Differential, f = 10 MHz, Gain Code LG127
77
dB
Input Noise Spectral Density
1.9
nV/√Hz
GAIN
Maximum Voltage Gain
High Gain Mode
Gain Code = HG127
34
dB
52
V/V
Low Gain Mode
Gain Code = LG127
17
dB
7.4
V/V
Minimum Voltage Gain
High Gain Mode
Gain Code = HG1
−8
dB
0.4
V/V
Low Gain Mode
Gain Code = LG1
−25
dB
0.06
V/V
Gain Step Size
High Gain Mode
0.408
(V/V)/Code
Low Gain Mode
0.056
(V/V)/Code
Gain Temperature Sensitivity
Gain Code = HG127
–2
mdB/°C
Step Response
For 6 dB gain step, settled to 10% of final value
20
ns
OUTPUT INTERFACE
Pins OPHI and OPLO
Output Voltage Swing
RL ≥ 1 kΩ (1 dB compression)
8.4
V p-p
Output Resistance
Differential
95
Output Differential Offset
VINHI = VINLO, over all gain codes
±60
mV
NOISE/HARMONIC PERFORMANCE
10 MHz
Gain Flatness
Within ±10 MHz of 10 MHz
±0.01
dB
Noise Figure
7.2
dB
Second Harmonic1
VOUT = 2 V p-p
−77
dBc
Third Harmonic1
VOUT = 2 V p-p
−77
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
17
dBm
70 MHz
Gain Flatness
Within ±10 MHz of 70 MHz
±0.02
dB
Noise Figure
7.2
dB
Second Harmonic1
VOUT = 2 V p-p
−65
dBc
Third Harmonic1
VOUT = 2 V p-p
−62
dBc
Output IP3
35
dBm
Output 1 dB Compression Point
17
dBm


Número de pieza similar - AD8370_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8370-EVAL AD-AD8370-EVAL Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370-EVAL AD-AD8370-EVAL Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370ARE AD-AD8370ARE Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
More results

Descripción similar - AD8370_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com