Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8384 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8384
Descripción Electrónicos  10-Bit, 6-Channel Decimating
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 5 Page - Analog Devices

  AD8384_15 Datasheet HTML 1Page - Analog Devices AD8384_15 Datasheet HTML 2Page - Analog Devices AD8384_15 Datasheet HTML 3Page - Analog Devices AD8384_15 Datasheet HTML 4Page - Analog Devices AD8384_15 Datasheet HTML 5Page - Analog Devices AD8384_15 Datasheet HTML 6Page - Analog Devices AD8384_15 Datasheet HTML 7Page - Analog Devices AD8384_15 Datasheet HTML 8Page - Analog Devices AD8384_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8384
Rev. 0 | Page 5 of 24
LEVEL SHIFTERS
Table 2. @ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, VRH = 9.5 V, VRL = V1 = V2 = 7 V,
unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
LEVEL SHIFTER LOGIC INPUTS
CIN
3
pF
IIH
0.05
µA
IIL
–0.6
µA
VTH
1.65
V
VIH
2.0
DVCC
V
VIL
DGND
0.8
V
LEVEL SHIFTER OUTPUTS
RL ≥ 10 kΩ
VOH
AVCC – 0.45
AVCC – 0.25
V
VOL
0.25
0.45
V
LEVEL SHIFTER DYNAMIC PERFORMANCE
TA MIN to TA MAX
Output Rise, Fall Times—tr, tf
DX, CLX, CLXN, ENBX(1–4)
CL = 40 pF
18.5
30
ns
DY, CLY, CLYN
CL = 40 pF
40
70
ns
DIRX, DIRY
CL = 40 pF
100
150
ns
NRG
CL = 200 pF
35
50
ns
CL = 300 pF
55
100
ns
Propagation Delay Times—t11, t12, t13, t14
DX, CLX, CLXN, ENBX(1–4)
CL = 40 pF
20
50
ns
DY, CLY, CLYN
CL = 40 pF
29
50
ns
DIRX, DIRY
CL = 40 pF
60
100
ns
NRG
CL = 200 pF
25
55
ns
CL = 300 pF
32
ns
Output Skew
ENBX(1–4)—t15, t16
CL = 40 pF
2
ns
DX to ENBX(1–4)—t16
CL = 40 pF
2
ns
DX to CLX—t15, t16, t17, t18
CL = 40 pF
10
ns
DY to CLY, CLYN—t15, t16, t17, t18
CL = 40 pF
20
ns
LEVEL SHIFTING EDGE DETECTOR
Table 3. CL = 10 pF, TA MIN to TA MAX, unless otherwise noted
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
AGND
AGND + 2.75
V
VIH
Input High Voltage
AVCC – 2.7
AVCC
V
VTH LH
Input Rising Edge Threshold Voltage
AGND + 3
V
VTH HL
Input Falling Edge Threshold Voltage
AVCC – 3
V
VOH
Output High Voltage
DVCC – 0.45
DVCC – 0.25
V
VOL
Output Low Voltage
0.25
0.45
V
IIH
Input Current High State
1.2
2.5
µA
IIL
Input Current Low State
–2.5
–1.2
µA
t19
Input Rising Edge Propagation Delay Time
16
ns
∆t19
t19 Variation with Temperature
2
ns
t20
Input Falling Edge Propagation Delay Time
12
ns
∆t20
t20 Variation with Temperature
2
ns
tr
Output Rise Time
5
ns
tf
Output Fall Time
6
ns


Número de pieza similar - AD8384_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8384ASVZ AD-AD8384ASVZ Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
More results

Descripción similar - AD8384_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com