Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8391 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8391
Descripción Electrónicos  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8391 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8391_15 Datasheet HTML 6Page - Analog Devices AD8391_15 Datasheet HTML 7Page - Analog Devices AD8391_15 Datasheet HTML 8Page - Analog Devices AD8391_15 Datasheet HTML 9Page - Analog Devices AD8391_15 Datasheet HTML 10Page - Analog Devices AD8391_15 Datasheet HTML 11Page - Analog Devices AD8391_15 Datasheet HTML 12Page - Analog Devices AD8391_15 Datasheet HTML 13Page - Analog Devices AD8391_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
AD8391
–10–
VO
BIAS
VN
VP
Figure 3. Simplified Schematic
G = 1
IT = IIN
CT RT
IIN
VOUT
RG
RF
RIN
+
VIN
VO
+
Figure 4. Model of Current Feedback Amplifier
Feedback Resistor Selection
In current feedback amplifiers, selection of the feedback and
gain resistors will impact distortion, bandwidth, noise, and gain
flatness. Care should be exercised in the selection of these resistors
so that the optimum performance is achieved. Table I shows the
recommended resistor values for use in a variety of gain settings for
the test circuits in TPC 1 and TPC 19. These values are only
intended to be a starting point when designing for any application.
Table I. Resistor Selection Guide
Gain
RF ( )RG ( )
–1
909
909
–2
909
453
–3
909
303
–4
909
227
–5
909
178
GENERAL INFORMATION
Theory of Operation
The AD8391 is a dual current feedback amplifier with high
output current capability. It is fabricated on Analog Devices’
proprietary eXtra Fast Complementary Bipolar Process (XFCB) that
enables the construction of PNP and NPN transistors with fT’s
greater than 3 GHz. The process uses dielectrically isolated
transistors to eliminate the parasitic and latch-up problems caused
by junction isolation. These features enable the construction of
high frequency, low distortion amplifiers.
The AD8391 has a unique pin out. The two noninverting inputs
of the amplifier are connected to the VMID pin, which is internally
biased by two 5 k
Ω resistors forming a voltage divider between
+VS and –VS. VMID is accessible through Pin 7. There is also a
10 pF internal capacitor from VMID to –VS. The two inverting pins
are available at Pin 1 and Pin 8, allowing the gain of the amplifiers to
be set with external resistors. See Page 1 for a connection diagram
of the AD8391.
A simplified schematic of an amplifier is shown in Figure 3.
Emitter followers buffer the positive input, VP, to provide low
input current and current noise. The low impedance current
feedback summing junction is at the negative input, VN. The
output stage is another high gain amplifier used as an integrator
to provide frequency compensation. The complementary common-
emitter output provides the extended output swing.
A current feedback amplifier’s bandwidth and distortion perfor-
mance are relatively insensitive to its closed-loop signal gain,
which is a distinct advantage over a voltage-feedback architecture.
Figure 4 shows a simplified model of a current feedback amplifier.
The feedback signal is an error current that flows into the inverting
node. RIN is inversely proportional to the transconductance of
the amplifier’s input stage, gmi. Circuit analysis of the pictured
follower with gain circuit yields:
V
V
GTz s
Tz s
R
G
R
OUT
IN
F
IN
=
×
()
() ++ ×
where:
G
R
R
F
G
=+
1
Tz s
R
sC
R
F
TT
() =
+
1(
)
R
g
IN
mi
=
1
125
Recognizing that G
× RIN << RF , and that the –3 dB point is set
when Tz(s) = RF, one can see that the amplifier’s bandwidth
depends primarily on the feedback resistor. There is a value of
RF below which the amplifier will be unstable, as the amplifier
will have additional poles that will contribute excess phase shift.
The optimum value for RF depends on the gain and the amount
of peaking tolerable in the application. For more information
about current feedback amplifiers, see ADI’s high speed design
techniques at www.analog.com/technology/amplifiersLinear/
designTools/evaluationBoards/pdf/1.pdf.


Número de pieza similar - AD8391_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8391AR AD-AD8391AR Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-EVAL AD-AD8391AR-EVAL Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-REEL AD-AD8391AR-REEL Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-REEL7 AD-AD8391AR-REEL7 Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
More results

Descripción similar - AD8391_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8391 AD-AD8391 Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com