Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1001-L-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SD1001-L-HF
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1001-L-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1001-L-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1001-L-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1001-L-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
High collector saturation voltage.
VCE(sat) > 80V
Complimentary to 2SB800-HF
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
80
Collector - Emitter Voltage
VCEO
80
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
300
Collector Current - Pulse
(Note.1)
ICP
500
Collector Power Dissipation
PC
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Note.1: Pw ≤ 100ms,duty cycle ≤ 50℅
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
80
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE= ∞
80
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 80 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
(Note.1)
VCE(sat) IC=300 mA, IB=30mA
0.15
0.6
Base - emitter saturation voltage
(Note.1)
VBE(sat) IC=300 mA, IB=30mA
0.86
1.2
Base - emitter voltage
(Note.1)
VBE
VCE= 6V, IC= 10mA
600
645
700
mV
VCE= 1V, IC= 50mA
90
200
400
VCE= 2V, IC= 300mA
30
80
Collector output capacitance
Cob
VCB= 6V, IE=0,f=1MHz
7
pF
Transition frequency
fT
VCE= 6V, IE= -10mA
140
MHz
DC current gain
(Note.1)
hFE
V
uA
V
Note.1: Pulse test : Pulse width ≤350μs,Duty Cycle≤2%.
Classification of hfe(1)
Type
2SD1001- M-HF 2SD1001- L-HF 2SD1001- K-HF
Range
90-180
135-270
200-400
Marking
EM F
EL F
EK F
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
NPN Transistors
2SD1001-HF


Número de pieza similar - 2SD1001-L-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD1001-L KEXIN-2SD1001-L Datasheet
1Mb / 3P
   NPN Transistors
More results

Descripción similar - 2SD1001-L-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com