Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1624-S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SD1624-S
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1624-S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1624-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1624
Features
Low collector-to-emitter saturation voltage.
Large current capacity and wide ASO.
Fast switching speed.
Complementary to 2SB1124
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
3
Collector Current - Pulse
ICP
6
Collector Power Dissipation
0.5
(Note.1)
1.5
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
PC
W
Note.1:Mounted on ceramic board (250mm ×0.8mm)
2
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
50
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 50 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=2 A, IB=100 mA
0.19
0.5
Base - emitter saturation voltage
VBE(sat) IC=2 A, IB=100 mA
1.2
VCE= 2V, IC= 100 mA
100
560
VCE= 2V, IC= 3 A
35
Turn-ON Time
ton
70
Storage Time
tstg
650
Fall Time
tf
35
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
25
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
150
MHz
See specified Test Circuit.
ns
V
uA
DC current gain
hFE
V
Classification of hfe(1)
Type
2SD1624-R
2SD1624-S
2SD1624-T
2SD1624-U
Range
100-200
140-280
200-400
280-560
Marking
DG R*
DG S*
DG T*
DG U*


Número de pieza similar - 2SD1624-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
2SD1624-S YFWDIODE-2SD1624-S Datasheet
685Kb / 4P
   NPN Transistors
More results

Descripción similar - 2SD1624-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com