Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8561 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8561
Descripción Electrónicos  Ultrafast 7 ns Single Supply Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8561 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8561_15 Datasheet HTML 4Page - Analog Devices AD8561_15 Datasheet HTML 5Page - Analog Devices AD8561_15 Datasheet HTML 6Page - Analog Devices AD8561_15 Datasheet HTML 7Page - Analog Devices AD8561_15 Datasheet HTML 8Page - Analog Devices AD8561_15 Datasheet HTML 9Page - Analog Devices AD8561_15 Datasheet HTML 10Page - Analog Devices AD8561_15 Datasheet HTML 11Page - Analog Devices AD8561_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8561
–8–
INPUT STAGE AND BIAS CURRENTS
The AD8561 uses a PNP differential input stage that enables
the input common-mode range to extend all the way from the
negative supply rail to within 2.2 V of the positive supply rail.
The input common-mode voltage can be found as the average
of the voltage at the two inputs of the device. To ensure the
fastest response time, care should be taken not to allow the
input common-mode voltage to exceed either of these voltages.
The input bias current for the AD8561 is 3
μA. As with any
PNP differential input stage, this bias current will go to zero on
an input that is high and will double on an input that is low.
Care should be taken in choosing resistor values to be con-
nected to the inputs as large resistors could cause significant
voltage drops due to the input bias current.
The input capacitance for the AD8561 is typically 3 pF. This is
measured by inserting a 5 k
Ω source resistance to the input and
measuring the change in propagation delay.
USING HYSTERESIS
Hysteresis can easily be added to a comparator through the
addition of positive feedback. Adding hysteresis to a comparator
offers an advantage in noisy environments where it is not desir-
able for the output to toggle between states when the input
signal is near the switching threshold. Figure 17 shows a
method for configuring the AD8561 with hysteresis.
VREF
R1
SIGNAL
COMPARATOR
R2
CF
Figure 17. Configuring the AD8561 with Hysteresis
The input signal is connected directly to the noninverting input
of the comparator. The output is fed back to the inverting input
through R1 and R2. The ratio of R1 to R1 + R2 establishes the
width of the hysteresis window with VREF setting the center of
the window, or the average switching voltage. The Q output will
switch high when the input voltage is greater than VHI and will
not switch low again until the input voltage is less than VLO as
given in Equation 1:
V HI
= V+ –1–VREF
() R1
R1
+ R2
+V
REF
V LO
=V
REF
1–
R1
R1
+ R2
⎝⎜
⎠⎟
(1)
Where V+ is the positive supply voltage.
The capacitor CF can also be added to introduce a pole into the
feedback network. This has the effect of increasing the amount
of hysteresis at high frequencies. This can be useful when com-
paring a relatively slow signal in a high frequency noise environ-
ment. At frequencies greater than fP =
1
2
π C
F R2
, the hysteresis
window approaches VHI = V+ – 1 V and VLO = 0 V. At frequen-
cies less than fP the threshold voltages remain as in Equation 1.
Rev. B


Número de pieza similar - AD8561_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
More results

Descripción similar - AD8561_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8598 AD-AD8598 Datasheet
137Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
   Quad 7 ns Single Supply Comparator
REV. B
AD8564 AD-AD8564 Datasheet
115Kb / 8P
   Quad 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
   Quad 7 ns Single Supply Comparator
Rev. B
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611 AD-AD8611 Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com