Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8642 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8642
Descripción Electrónicos  Low Power, Rail-to-Rail Output, Precision
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8642 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8642_15 Datasheet HTML 2Page - Analog Devices AD8642_15 Datasheet HTML 3Page - Analog Devices AD8642_15 Datasheet HTML 4Page - Analog Devices AD8642_15 Datasheet HTML 5Page - Analog Devices AD8642_15 Datasheet HTML 6Page - Analog Devices AD8642_15 Datasheet HTML 7Page - Analog Devices AD8642_15 Datasheet HTML 8Page - Analog Devices AD8642_15 Datasheet HTML 9Page - Analog Devices AD8642_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
VOS (mV)
80
VSY = ±13V
Figure 7. Input Offset Voltage
OFFSET VOLTAGE (
μV/°C)
16
14
12
10
8
6
4
2
0
VSY = ±13V
Figure 8. Offset Voltage Drift
0
10
20
30
40
50
60
70
VOS (mV)
VSY = ±2.5V
Figure 9. Input Offset Voltage
TCVOS (μV/°C)
0
2
4
6
8
10
12
14
16
18
20
VSY = 5V
VCM = 1.5V
Figure 10. Offset Voltage Drift
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–15 –13 –11
–9
–7
–5
–3
–1
1
3
5
7
9
11
13
15
VCM (V)
VSY = ±13V
TA = 25°C
Figure 11. Input Bias Current vs. VCM
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–15.0 –12.5 –10.0 –7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
VCM (V)
VSY = ±13V
TA = 25°C
0.5
–0.5
Figure 12. Input Bias Current vs. VCM


Número de pieza similar - AD8642_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8642ARMZ AD-AD8642ARMZ Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8642ARMZ-R2 AD-AD8642ARMZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

Descripción similar - AD8642_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA140A-DIE TI1-OPA140A-DIE Datasheet
73Kb / 4P
[Old version datasheet]   HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com