Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8648 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8648
Descripción Electrónicos  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8648 Datasheet(HTML) 4 Page - Analog Devices

  AD8648_15 Datasheet HTML 1Page - Analog Devices AD8648_15 Datasheet HTML 2Page - Analog Devices AD8648_15 Datasheet HTML 3Page - Analog Devices AD8648_15 Datasheet HTML 4Page - Analog Devices AD8648_15 Datasheet HTML 5Page - Analog Devices AD8648_15 Datasheet HTML 6Page - Analog Devices AD8648_15 Datasheet HTML 7Page - Analog Devices AD8648_15 Datasheet HTML 8Page - Analog Devices AD8648_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8646/AD8647/AD8648
Data Sheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
2.3
μV
Voltage Noise Density
en
f = 1 kHz
8
nV/√Hz
f = 10 kHz
6
nV/√Hz
Channel Separation
CS
f = 10 kHz
−115
dB
f = 100 kHz
−110
dB
Total Harmonic Distortion Plus Noise
THD + N
V p-p = 0.1 V, RL = 600 Ω, f = 25 kHz, TA = 25°C
AV = +1
0.010
%
AV = −10
0.021
%
Rev. E | Page 4 of 20


Número de pieza similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8648ARUZ AD-AD8648ARUZ Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8648ARUZ AD-AD8648ARUZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARUZ AD-AD8648ARUZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARUZ AD-AD8648ARUZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARUZ-REEL AD-AD8648ARUZ-REEL Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
More results

Descripción similar - AD8648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com