Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9216 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9216
Descripción Electrónicos  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9216 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9216_15 Datasheet HTML 2Page - Analog Devices AD9216_15 Datasheet HTML 3Page - Analog Devices AD9216_15 Datasheet HTML 4Page - Analog Devices AD9216_15 Datasheet HTML 5Page - Analog Devices AD9216_15 Datasheet HTML 6Page - Analog Devices AD9216_15 Datasheet HTML 7Page - Analog Devices AD9216_15 Datasheet HTML 8Page - Analog Devices AD9216_15 Datasheet HTML 9Page - Analog Devices AD9216_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9216
Rev. A | Page 6 of 40
SWITCHING SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 4.
AD9216BCPZ-65
AD9216BCPZ-80
AD9216BCPZ-105
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
65
80
105
MSPS
Minimum Conversion Rate
Full
IV
10
10
10
MSPS
CLK Period
Full
VI
15.4
12.5
9.5
nS
CLK Pulse Width High
Full
VI
4.6
4.4
3.8
nS
CLK Pulse Width Low
Full
VI
4.6
4.4
3.8
nS
OUTPUT PARAMETERS1
Output Propagation Delay2 (tPD)
25°C
I
4.5
6.4
4.5
6.4
4.5
6.4
nS
Valid Time3 (tV)
25°C
I
2.0
2.0
2.0
Output Rise Time (10% to 90%)
25°C
V
1.0
1.0
1.0
nS
Output Fall Time (10% to 90%)
25°C
V
1.0
1.0
1.0
nS
Output Enable Time4
Full
IV
1
1
1
Cycle
Output Disable Time4
Full
IV
1
1
1
Cycle
Pipeline Delay (Latency)
Full
IV
6
6
6
Cycle
APERTURE
Aperture Delay (tA)
25°C
V
1.5
1.5
1.5
nS
Aperture Uncertainty (tJ)
25°C
V
0.5
0.5
0.5
pS rms
Wake-Up Time5
25°C
V
7
7
7
ms
OUT-OF-RANGE RECOVERY TIME
25°C
V
1
1
1
Cycle
1 CLOAD equals 5 pF maximum for all output switching parameters.
2 Output delay is measured from clock 50% transition to data 50% transition.
3 Valid time is approximately equal to the minimum output propagation delay.
4 Output enable time is OEB_A, OEB_B falling to respective channel outputs coming out of high impedance. Output disable time is OEB_A, OEB_B rising to respective
channel outputs going into high impedance.
5 Wake-up time is dependent on value of decoupling capacitors; typical values shown for 0.1 µF and 10 µF capacitors on REFT and REFB.


Número de pieza similar - AD9216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9216-105 AD-AD9216-105 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216-105PCB AD-AD9216-105PCB Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216-105PCB AD-AD9216-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-105PCB AD-AD9216-105PCB Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

Descripción similar - AD9216_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com