Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9226 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9226
Descripción Electrónicos  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9226 Datasheet(HTML) 4 Page - Analog Devices

  AD9226_15 Datasheet HTML 1Page - Analog Devices AD9226_15 Datasheet HTML 2Page - Analog Devices AD9226_15 Datasheet HTML 3Page - Analog Devices AD9226_15 Datasheet HTML 4Page - Analog Devices AD9226_15 Datasheet HTML 5Page - Analog Devices AD9226_15 Datasheet HTML 6Page - Analog Devices AD9226_15 Datasheet HTML 7Page - Analog Devices AD9226_15 Datasheet HTML 8Page - Analog Devices AD9226_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. B
–4–
AD9226–SPECIFICATIONS
AC SPECIFICATIONS (AVDD = 5 V, DRVDD = 3 V, f
SAMPLE = 65 MSPS, VREF = 2.0 V, TMIN to TMAX, Differential Input unless otherwise noted.)
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO
fIN = 2.5 MHz
Full
V
68.9
dBc
25
°C
I
68
dBc
fIN = 15 MHz
Full
V
68.4
dBc
25
°C
I
67.4
dBc
fIN = 31 MHz
Full
V
68
dBc
fIN = 60 MHz
Full
V
68
dBc
fIN = 200 MHz
1
Full
V
65
dBc
SIGNAL-TO-NOISE RATIO AND DISTORTION
fIN = 2.5 MHz
Full
V
68.8
dBc
25
°C
I
67.9
dBc
fIN = 15 MHz
Full
V
68.3
dBc
25
°C
I
67.3
dBc
fIN = 31 MHz
Full
V
67
dBc
fIN = 60 MHz
Full
V
67
dBc
fIN = 200 MHz
1
Full
V
60
dBc
TOTAL HARMONIC DISTORTION
fIN = 2.5 MHz
Full
V
–84
dBc
25
°C
I
–77.0
dBc
fIN = 15 MHz
Full
V
–82.3
dBc
25
°C
I
–76.0
dBc
fIN = 31 MHz
Full
V
–68
dBc
fIN = 60 MHz
Full
V
–68
dBc
fIN = 200 MHz
1
Full
V
–61
dBc
SECOND AND THIRD HARMONIC DISTORTION
fIN = 2.5 MHz
Full
V
–86.5
dBc
25
°C
I
–78
dBc
fIN = 15 MHz
Full
V
–86.7
dBc
25
°C
I
–76
dBc
fIN = 31 MHz
Full
V
–83
dBc
fIN = 60 MHz
Full
V
–82
dBc
fIN = 200 MHz
1
Full
V
–75
dBc
SPURIOUS FREE DYNAMIC RANGE
fIN = 2.5 MHz
Full
V
86.4
dBc
25
°C
I
78
dBc
fIN = 15 MHz
Full
V
85.5
dBc
25
°C
I
76
dBc
fIN = 31 MHz
Full
V
82
dBc
fIN = 60 MHz
Full
V
81
dBc
fIN = 200 MHz
1
Full
V
60
dBc
ANALOG INPUT BANDWIDTH
25
°C
V
750
MHz
NOTES
11.0 V Reference and Input Span
Specifications subject to change without notice.


Número de pieza similar - AD9226_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9226 AD-AD9226_17 Datasheet
1,018Kb / 29P
   ADC Converter
More results

Descripción similar - AD9226_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9226ARSZ AD-AD9226ARSZ Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226 Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com