Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9283 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9283
Descripción Electrónicos  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 4 Page - Analog Devices

  AD9283_15 Datasheet HTML 1Page - Analog Devices AD9283_15 Datasheet HTML 2Page - Analog Devices AD9283_15 Datasheet HTML 3Page - Analog Devices AD9283_15 Datasheet HTML 4Page - Analog Devices AD9283_15 Datasheet HTML 5Page - Analog Devices AD9283_15 Datasheet HTML 6Page - Analog Devices AD9283_15 Datasheet HTML 7Page - Analog Devices AD9283_15 Datasheet HTML 8Page - Analog Devices AD9283_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9283
–4–
REV. C
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at 25
°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characteriza-
tion testing.
V
Parameter is a typical value only.
VI 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for mili-
tary devices.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD9283
ENCODE
GND
VD
VREF OUT
VREF IN
GND
AIN
VD
D7 (MSB)
D6
D5
D1
D2
D3
D4
VDD
GND
PWRDWN
D0 (LSB)
AIN
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Function
1
PWRDWN
Power-Down Function Select; Logic HIGH for Power-Down Mode (Digital Outputs Go
to High Impedance State)
2
VREF OUT
Internal Reference Output (1.25 V typ); Bypass with 0.1
µF to Ground
3
VREF IN
Reference Input for ADC (1.25 V typ)
4, 9, 16
GND
Ground
5, 8
VD
Analog 3 V Power Supply
6AIN
Analog Input for ADC (Can Be Left Open if Operating in Single-Ended Mode, but Rec-
ommend Connection to a 0.1
µF Capacitor and a 25 Ω Resistor in Series to Ground for
Better Input Matching)
7AIN
Analog Input for ADC
10
ENCODE
Encode Clock for ADC (ADC Samples on Rising Edge of ENCODE)
11–14, 17–20
D7–D4, D3–D0
Digital Outputs of ADC
15
VDD
Digital output power supply. Nominally 2.5 V to 3.6 V
Table I. Output Coding (VREF = 1.25 V)
Step
AIN–AIN
Digital Output
255
0.512
1111 1111
128
0.002
1000 0000
127
–0.002
0111 1111
0
–0.512
0000 0000


Número de pieza similar - AD9283_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
More results

Descripción similar - AD9283_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com