Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9380 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9380
Descripción Electrónicos  Analog/HDMI Dual-Display Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9380_15 Datasheet HTML 5Page - Analog Devices AD9380_15 Datasheet HTML 6Page - Analog Devices AD9380_15 Datasheet HTML 7Page - Analog Devices AD9380_15 Datasheet HTML 8Page - Analog Devices AD9380_15 Datasheet HTML 9Page - Analog Devices AD9380_15 Datasheet HTML 10Page - Analog Devices AD9380_15 Datasheet HTML 11Page - Analog Devices AD9380_15 Datasheet HTML 12Page - Analog Devices AD9380_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9380
Rev. 0 | Page 9 of 60
Table 6. Pin Function Descriptions
Mnemonic
Description
INPUTS
RAIN0
Analog Input for the Red Channel 0.
GAIN0
Analog Input for the Green Channel 0.
B
B
AIN0
Analog Input for the Blue Channel 0.
RAIN1
Analog Input for the Red Channel 1.
GAIN1
Analog Input for the Green Channel 1.
B
B
AIN1
Analog Input for Blue Channel 1.
High impedance inputs that accept the red, green, and blue channel graphics signals, respectively. The three
channels are identical and can be used for any colors, but colors are assigned for convenient reference. They
accommodate input signals ranging from 0.5 V to 1.0 V full scale. Signals should be ac-coupled to these pins to
support clamp operation (see Figure 3 for an input reference circuit).
Rx0+
Digital Input Channel 0 True.
Rx0−
Digital Input Channel 0 Complement.
Rx1+
Digital Input Channel 1 True.
Rx1−
Digital Input Channel 1 Complement.
Rx2+
Digital Input Channel 2 True.
Rx2−
Digital input Channel 2 Complement.
These six pins receive three pairs of transition minimized differential signaling (TMDS) pixel data (at 10× the pixel
rate) from a digital graphics transmitter.
RxC+
Digital Data Clock True.
RxC−
Digital Data Clock Complement.
This clock pair receives a TMDS clock at 1× pixel data rate.
HSYNC 0
Horizontal Sync Input Channel 0.
HSYNC 1
Horizontal Sync Input Channel 1.
These inputs receive a logic signal that establishes the horizontal timing reference and provides the frequency
reference for pixel clock generation. The logic sense of this pin is controlled by Serial Register 0x12 Bits 5:4
(HSYNC polarity). Only the leading edge of HSYNC is active; the trailing edge is ignored. When HSYNC polarity =
0, the falling edge of HSYNC is used. When HSYNC polarity = 1, the rising edge is active. The input includes a
Schmitt trigger for noise immunity.
VSYNC0
Vertical Sync Input Channel 0.
VSYNC1
Vertical Sync Input Channel 1.
These are the inputs for vertical sync.
SOGIN 0
Sync-on-Green Input Channel 0.
SOGIN 1
Sync-on-Green Input Channel 1.
These inputs are provided to assist with processing signals with embedded sync, typically on the green channel.
The pin is connected to a high speed comparator with an internally generated threshold. The threshold level can
be programmed in 10 mV steps to any voltage between 10 mV and 330 mV above the negative peak of the input
signal. The default voltage threshold is 150 mV. When connected to an ac-coupled graphics signal with
embedded sync, it produces a noninverting digital output on SOGOUT. (This is usually a composite sync signal,
containing both vertical and horizontal sync (HSYNC ) information that must be separated before passing the
horizontal sync signal to HSYNC.) When not used, this input should be left unconnected. For more details on this
function and how it should be configured, see the HSYNC and VSYNC Inputs section.
EXTCLK/COAST
Coast Input to Clock Generator (Optional).
This input can be used to cause the pixel clock generator to stop synchronizing with HSYNC and continue
producing a clock at its current frequency and phase. This is useful when processing signals from sources that fail
to produce horizontal sync pulses during the vertical interval. The coast signal is generally not required for PC-
generated signals. The logic sense of this pin is controlled by coast polarity (Register 0x18, Bits 6:5). When not
used, this pin can be grounded and input coast polarity programmed to 1 (Register 0x18, Pin 5) or tied high
(to VD through a 10 kΩ resistor) and input coast polarity programmed to 0. Input coast polarity defaults to 1 at
power-up. This pin is shared with the EXTCLK function, which does not affect coast functionality. For more details
on coast, see the Clock Generation section.


Número de pieza similar - AD9380_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9380/PCB AD-AD9380/PCB Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-100 AD-AD9380KSTZ-100 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-150 AD-AD9380KSTZ-150 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Descripción similar - AD9380_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com