Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9513 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9513
Descripción Electrónicos  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 3 Page - Analog Devices

  AD9513_15 Datasheet HTML 1Page - Analog Devices AD9513_15 Datasheet HTML 2Page - Analog Devices AD9513_15 Datasheet HTML 3Page - Analog Devices AD9513_15 Datasheet HTML 4Page - Analog Devices AD9513_15 Datasheet HTML 5Page - Analog Devices AD9513_15 Datasheet HTML 6Page - Analog Devices AD9513_15 Datasheet HTML 7Page - Analog Devices AD9513_15 Datasheet HTML 8Page - Analog Devices AD9513_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9513
Rev. 0 | Page 3 of 28
SPECIFICATIONS
Typical (typ) is given for VS = 3.3 V ± 5%; TA = 25°C, RSET = 4.12 kΩ, unless otherwise noted. Minimum (min) and maximum (max)
values are given over full VS and TA (−40°C to +85°C) variation.
CLOCK INPUT
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUT (CLK)
Input Frequency
0
1.6
GHz
Input Sensitivity1
150
mV p-p
Input Common-Mode Voltage, VCM
1.5
1.6
1.7
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLKB ac-bypassed to RF ground
Input Resistance
4.0
4.8
5.6
Self-biased
Input Capacitance
2
pF
1A slew rate of 1 V/ns is required to meet jitter, phase noise, and propagation delay specifications.
CLOCK OUTPUTS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS CLOCK OUTPUT
Termination = 100 Ω differential
Differential
Output Frequency
0
800
MHz
Differential Output Voltage (VOD)
250
350
450
mV
Delta VOD
30
mV
Output Offset Voltage (VOS)
1.125
1.23
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
CMOS CLOCK OUTPUT
Single-ended measurements; termination open
Single-Ended
Complementary output on (OUT1B)
Output Frequency
0
250
MHz
With 5 pF load
Output Voltage High (VOH)
VS − 0.1
V
@ 1 mA load
Output Voltage Low (VOL)
0.1
V
@ 1 mA load


Número de pieza similar - AD9513_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
More results

Descripción similar - AD9513_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9513 AD-AD9513 Datasheet
609Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
   800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
AD9514 AD-AD9514 Datasheet
633Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9512 AD-AD9512 Datasheet
125Kb / 2P
   800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
Rev. PrA
AD9515 AD-AD9515 Datasheet
656Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. 0
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com