Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9516-3 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9516-3
Descripción Electrónicos  14-Output Clock Generator with Integrated 2.0 GHz VCO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9516-3 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9516-3_15 Datasheet HTML 2Page - Analog Devices AD9516-3_15 Datasheet HTML 3Page - Analog Devices AD9516-3_15 Datasheet HTML 4Page - Analog Devices AD9516-3_15 Datasheet HTML 5Page - Analog Devices AD9516-3_15 Datasheet HTML 6Page - Analog Devices AD9516-3_15 Datasheet HTML 7Page - Analog Devices AD9516-3_15 Datasheet HTML 8Page - Analog Devices AD9516-3_15 Datasheet HTML 9Page - Analog Devices AD9516-3_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
AD9516-3
Data Sheet
Rev. C | Page 6 of 80
CLOCK INPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK, CLK)
Differential input
Input Frequency
01
2.4
GHz
High frequency distribution (VCO divider)
01
1.6
GHz
Distribution only (VCO divider bypassed)
Input Sensitivity, Differential
150
mV p-p
Measured at 2.4 GHz; jitter performance is
improved with slew rates > 1 V/ns
Input Level, Differential
2
V p-p
Larger voltage swings may turn on the protection
diodes and may degrade jitter performance
Input Common-Mode Voltage, VCM
1.3
1.57
1.8
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLK ac-bypassed to RF ground
Input Resistance
3.9
4.7
5.7
kΩ
Self-biased
Input Capacitance
2
pF
1
Below about 1 MHz, the input should be dc-coupled. Care should be taken to match VCM.
CLOCK OUTPUTS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2, OUT3, OUT4, OUT5
Differential (OUT, OUT)
Output Frequency, Maximum
2950
MHz
Using direct to output; see Figure 25 for peak-to-
peak differential amplitude
Output High Voltage (VOH)
VS − 1.12
VS − 0.98
VS − 0.84
V
Output Low Voltage (VOL)
VS − 2.03
VS − 1.77
VS − 1.49
V
Output Differential Voltage (VOD)
550
790
980
mV
VOH − VOL for each leg of a differential pair for
default amplitude setting with driver not toggling;
see Figure 25 for variation over frequency
LVDS CLOCK OUTPUTS
Differential termination 100 Ω at 3.5 mA
OUT6, OUT7, OUT8, OUT9
Differential (OUT, OUT)
Output Frequency
800
MHz
The AD9516 outputs toggle at higher frequencies,
but the output amplitude may not meet the VOD
specification; see Figure 26
Differential Output Voltage (VOD)
247
360
454
mV
VOH − VOL measurement across a differential pair at
the default amplitude setting with output driver
not toggling; see Figure 26 for variation over
frequency
Delta VOD
25
mV
This is the absolute value of the difference
between VOD when the normal output is high vs.
when the complementary output is high
Output Offset Voltage (VOS)
1.125
1.24
1.375
V
(VOH + VOL)/2 across a differential pair
Delta VOS
25
mV
This is the absolute value of the difference
between VOS when the normal output is high vs.
when the complementary output is high
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
CMOS CLOCK OUTPUTS
OUT6A, OUT6B, OUT7A, OUT7B,
OUT8A, OUT8B, OUT9A, OUT9B
Single-ended; termination = 10 pF
Output Frequency
250
MHz
See Figure 27
Output Voltage High (VOH)
VS − 0.1
V
At 1 mA load
Output Voltage Low (VOL)
0.1
V
At 1 mA load


Número de pieza similar - AD9516-3_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9516-3/PCBZ AD-AD9516-3/PCBZ Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3BCPZ AD-AD9516-3BCPZ Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3BCPZ-REEL7 AD-AD9516-3BCPZ-REEL7 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results

Descripción similar - AD9516-3_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9517-3 AD-AD9517-3_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9518-3 AD-AD9518-3_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. C
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com