Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1257 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SA1257
Descripción Electrónicos  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1257 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1257_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1257_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1257_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
High breakdown voltage.
Small output capacitance.
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-180
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-160
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-80
mA
I
)
e
s
l
u
p
(
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
CP
-150
mA
P
n
o
it
a
p
i
s
s
i
d
r
o
t
c
e
ll
o
C
C
200
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
125
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +125
PNP Transistors
2SA1257
Very small-sized package permitting the 2SA1257/
2SC3143-applied sets to be made small and slim.
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-180
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, RBE=∞
-160
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -120 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-30mA, IB=- 3mA
-0.7
Base - emitter saturation voltage
VBE(sat) IC=-30mA, IB=- 3mA
-1.2
Base - emitter voltage
VBE
VCE= -5V , IC=-10mA
-1.5
DC current gain
hFE
VCE= -5V, IC= -10mA
60
270
Turn-on time
ton
0.15
Storage time
tstg
0.95
Fall time
tf
0.15
Collector output capacitance
Cob
VCB= -10V, f-1MHz
2.4
3.2
pF
Transition frequency
fT
VCE= -10V, IC= -10mA
130
MHz
See Test Circuit.
V
V
us
nA
Classification of hfe
Type
2SA1257-G3
2SA1257-G4
2SA1257-G5
Range
60-120
90-180
135-270
Marking
G3
G4
G5
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Número de pieza similar - 2SA1257_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1257-3 KEXIN-2SA1257-3_15 Datasheet
1,022Kb / 3P
   PNP Transistors
2SA1257-G3 KEXIN-2SA1257-G3 Datasheet
1,022Kb / 3P
   PNP Transistors
2SA1257-G3-HF KEXIN-2SA1257-G3-HF Datasheet
1,006Kb / 3P
   PNP Transistors
2SA1257-G3-HF KEXIN-2SA1257-G3-HF Datasheet
1,017Kb / 3P
   PNP Transistors
2SA1257-G4 KEXIN-2SA1257-G4 Datasheet
1,022Kb / 3P
   PNP Transistors
More results

Descripción similar - 2SA1257_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com