Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9627-11 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9627-11
Descripción Electrónicos  11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9627-11 Datasheet(HTML) 5 Page - Analog Devices

  AD9627-11_15 Datasheet HTML 1Page - Analog Devices AD9627-11_15 Datasheet HTML 2Page - Analog Devices AD9627-11_15 Datasheet HTML 3Page - Analog Devices AD9627-11_15 Datasheet HTML 4Page - Analog Devices AD9627-11_15 Datasheet HTML 5Page - Analog Devices AD9627-11_15 Datasheet HTML 6Page - Analog Devices AD9627-11_15 Datasheet HTML 7Page - Analog Devices AD9627-11_15 Datasheet HTML 8Page - Analog Devices AD9627-11_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
AD9627-11
Rev. B | Page 5 of 72
SPECIFICATIONS
ADC DC SPECIFICATIONS—AD9627-11-105/AD9627-11-150
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, fast detect output pins disabled, and signal monitor disabled, unless otherwise noted.
Table 1.
Parameter
Temperature
AD9627-11-105
AD9627-11-150
Unit
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
11
11
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.7
±0.2
±0.6
% FSR
Gain Error
Full
−3.6
−2.2
−1.0
−4.3
−3.0
−1.7
% FSR
Differential Nonlinearity (DNL)1
Full
±0.3
±0.4
LSB
25°C
±0.1
±0.1
LSB
Integral Nonlinearity (INL)1
Full
±0.5
±0.7
LSB
25°C
±0.2
±0.3
LSB
MATCHING CHARACTERISTIC
Offset Error
25°C
±0.3
±0.7
±0.2
±0.7
% FSR
Gain Error
25°C
±0.2
±0.75
±0.2
±0.7
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
ppm/°C
Gain Error
Full
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±16
±5
±16
mV
Load Regulation @ 1.0 mA
25°C
7
7
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.15
0.15
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
8
8
pF
VREF INPUT RESISTANCE
Full
6
6
POWER SUPPLIES
Supply Voltage
AVDD, DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD (CMOS Mode)
Full
1.7
3.3
3.6
1.7
3.3
3.6
V
DRVDD (LVDS Mode)
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1, 3
Full
310
365
419
495
mA
IDVDD1, 3
Full
34
50
mA
IDRVDD1 (3.3 V CMOS)
Full
34
42
mA
IDRVDD1 (1.8 V CMOS)
Full
16
29
mA
IDRVDD1 (1.8 V LVDS)
Full
44
46
mA
POWER CONSUMPTION
DC Input
Full
600
650
820
890
mW
Sine Wave Input1 (DRVDD = 1.8 V)
Full
645
895
mW
Sine Wave Input1 (DRVDD = 3.3 V)
Full
730
1000
mW
Standby Power4
Full
68
77
mW
Power-Down Power
Full
2.5
6
2.5
6
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. See Figure 8 for the equivalent analog input structure.
3 The maximum limit applies to the combination of IAVDD and IDVDD currents.
4 Standby power is measured with a dc input and with the CLK pins inactive (set to AVDD or AGND).


Número de pieza similar - AD9627-11_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9627-125EBZ AD-AD9627-125EBZ Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9627-150EBZ AD-AD9627-150EBZ Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
More results

Descripción similar - AD9627-11_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9650-EP AD-AD9650-EP Datasheet
252Kb / 12P
   Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com