Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3648 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SC3648
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3648 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3648_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3648_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3648_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SC3648
Typical Characterisitics
A S O
Collector-to-Emitter Voltage, VCE -- V
fT -- IC
Collector Current, IC -- mA
0.01
3
0.1
5
7
5
7
2
3
5
7
2
3
2
1.0
1.0
3
2
7 10
5
3
3
2
2
7
5
100
100
ms
DC
operation
2SC3648
2
10
7
5
100
7
5
2
3
1000
7
5
3
100
10
2
3
5
7
2
3
5
2SC3648
VCE=10V
5V
ICP=1.5A
IC=0.7A
Ta=25°C
Single pulse
Mounted on a ceramic board (250mm2 0.8mm)
For PNP, minus sign is omitted
PC -- Ta
Ambient Temperature, Ta -- °C
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
1.0
3
10
5
7
2
3
100
5
7
2
10
1.0
5
7
3
2
100
5
7
3
2
2
1.6
1.4
1.8
1.2
0.8
0.4
0.2
0.6
1.0
0
0
8
0
6
0
40
0
4
1
0
2
120
100
160
No heat
sink
For PNP, minus sign is omitted
2SC3648
f=1MHz
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
0.6
0.8
0
0.4
2
.
1
0
.
1
2
.
0
0
200
800
1000
600
400
2SC3648
VCE=5V
For PNP, minus sign is omitted


Número de pieza similar - 2SC3648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
More results

Descripción similar - 2SC3648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com