Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD22001 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD22001
Descripción Electrónicos  5-Channel Monolithic Comparator for Lamp Monitoring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD22001 Datasheet(HTML) 8 Page - Analog Devices

  AD22001_15 Datasheet HTML 1Page - Analog Devices AD22001_15 Datasheet HTML 2Page - Analog Devices AD22001_15 Datasheet HTML 3Page - Analog Devices AD22001_15 Datasheet HTML 4Page - Analog Devices AD22001_15 Datasheet HTML 5Page - Analog Devices AD22001_15 Datasheet HTML 6Page - Analog Devices AD22001_15 Datasheet HTML 7Page - Analog Devices AD22001_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD22001
REV. A
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Pin Plastic DIP (N) Package
20
110
11
1.060 (26.92)
0.925 (23.50)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.210 (5.33)
MAX
0.150
(3.81)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.200 (5.05)
0.125 (3.1)
0.015 (0.38)
MIN
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.203)
15
°
0
°


Número de pieza similar - AD22001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22001N AD-AD22001N Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
More results

Descripción similar - AD22001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22001 AD-AD22001 Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
logo
Silicon Touch Technolog...
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
   5-Bit Comparator
93L24 NSC-93L24 Datasheet
90Kb / 4P
   5-Bit Comparator
logo
Fairchild Semiconductor
DM9324 FAIRCHILD-DM9324 Datasheet
41Kb / 4P
   5-Bit Comparator
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
   5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com