Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD73422 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD73422
Descripción Electrónicos  Dual Low Power CMOS Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD73422 Datasheet(HTML) 3 Page - Analog Devices

  AD73422_15 Datasheet HTML 1Page - Analog Devices AD73422_15 Datasheet HTML 2Page - Analog Devices AD73422_15 Datasheet HTML 3Page - Analog Devices AD73422_15 Datasheet HTML 4Page - Analog Devices AD73422_15 Datasheet HTML 5Page - Analog Devices AD73422_15 Datasheet HTML 6Page - Analog Devices AD73422_15 Datasheet HTML 7Page - Analog Devices AD73422_15 Datasheet HTML 8Page - Analog Devices AD73422_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
REV. 0
–3–
AD73422
Parameter
Min
Typ
Max
Units
Test Conditions
DAC SPECIFICATIONS
Maximum Voltage Output Swing
2
Single-Ended
1.578
V p-p
PGA = 6 dB
–2.85
dBm
Max Output = (1.578/1.25)
× VREFCAP
Differential
3.156
V p-p
PGA = 6 dB
3.17
dBm
Max Output = 2
× ((1.578/1.25) × VREFCAP)
Nominal Voltage Output Swing (0 dBm0)
Single-Ended
1.0954
V p-p
PGA = 6 dB
–6.02
dBm
Differential
2.1909
V p-p
PGA = 6 dB
0
dBm
Output Bias Voltage
1.2
V
REFOUT Unloaded
Absolute Gain
–0.85 +0.4
+0.85
dB
1.0 kHz, 0 dBm0; Unloaded
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion) at 0 dBm0
PGA = 6 dB
62.5
77
dB
300 Hz to 3400 Hz; fSAMP = 64 kHz
Total Harmonic Distortion at 0 dBm0
PGA = 6 dB
–80
–62.5
dB
300 Hz to 3400 Hz; fSAMP = 64 kHz
Intermodulation Distortion
–85
dB
PGA = 0 dB
Idle Channel Noise
–85
dBm0
PGA = 0 dB
Crosstalk, DAC-to-ADC
–90
dB
ADC Input Level: AGND;
DAC Output Level: 1.0 kHz, 0 dBm0;
Input Amplifiers Bypassed
–77
dB
Input Amplifiers Included in Input Channel
DAC-to-DAC
–100
dB
DAC1 Output Level: AGND;
DAC2 Output Level: 1.0 kHz, 0 dBm0
Power Supply Rejection
–65
dB
Input Signal Level at AVDD and DVDD
Pins: 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
Interpolator Bypassed
50
µs
Output DC Offset
2, 7
–20
+20
+60
mV
Minimum Load Resistance, RL
2, 8
Single-Ended
4
600
Differential
600
Maximum Load Capacitance, CL
2, 8
Single-Ended4
500
pF
Differential
100
pF
LOGIC INPUTS
VINH, Input High Voltage
DVDD – 0.8
DVDD V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
–10
+10
µA
CIN, Input Capacitance
4
12
24
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD – 0.4
DVDD V
|IOUT|
≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT|
≤ 100 µA
Three-State Leakage Current
–10
+10
µA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD
3.0
3.6
V
IDD
10
See Table I
NOTES
1 Operating temperature range is as follows: –20
°C to +85°C; therefore, T
MIN = –20
°C and T
MAX = +85
°C.
2 Test conditions: Input PGA set for 0 dB gain, Output PGA set for 6 dB gain, no load on analog outputs (unless otherwise noted).
3 At input to sigma-delta modulator of ADC.
4 Guaranteed by design.
5 Overall group delay will be affected by the sample rate and the external digital filtering.
6 The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (3.3
× 1011)/DMCLK.
7 Between VOUTP1 and VOUTN1 or between VOUTP2 and VOUTN2.
8 At VOUT output.
9 Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB pream-
plifier bypassed and input gain of 0 dB.
10 Test Conditions: no load on digital inputs, analog inputs ac-coupled to ground, no load on analog outputs.
Specifications subject to change without notice.


Número de pieza similar - AD73422_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73422BB-40 AD-AD73422BB-40 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD73422BB-80 AD-AD73422BB-80 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results

Descripción similar - AD73422_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com