Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7805Z Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza IRF7805Z
Descripción Electrónicos  N-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF7805Z Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF7805Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) = 30V
ID = 16 A (VGS = 10V)
RDS(ON) < 6.8mΩ (VGS = 10V)
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Absolute Maximum Ratings Ta = 25℃
N-Channel Enhancement MOSFET
HEXFET Power MOSFET
Symbol
Rating
Unit
VDS
30
VGS
±20
TA=25℃
16
TA=70℃
12
IDM
120
IAR
12
EAS
72
mJ
TA=25℃
2.5
TA=70℃
1.6
RthJA
50
RthJC
20
TJ
150
Tstg
-55 to 150
Single Pulse Avalanche Energy
Avalanche Current
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
/W
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Junction- to-Case
IRF7805Z (KRF7805Z)
SOP-8
1.50 0.15


Número de pieza similar - IRF7805Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7805Z IRF-IRF7805Z Datasheet
270Kb / 10P
   HEXFET Power MOSFET
IRF7805ZGPBF IRF-IRF7805ZGPBF Datasheet
294Kb / 10P
   HEXFETPower MOSFET
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
270Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
More results

Descripción similar - IRF7805Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com