Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4056DY-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI4056DY-HF
Descripción Electrónicos  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4056DY-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4056DY-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI4056DY-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
100
V
VDS=100V, VGS=0V
1
VDS=100V, VGS=0V, Ta=55℃
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
On-State Drain Current *1
ID(on)
VDS ≥ 5V, VGS=10V
30
A
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
1.5
2.8
V
VGS=10V, ID=15A
23
VGS=7.5V, ID=12A
24
VGS=4.5V, ID=10A
31
Forward Transconductance *1
gFS
VDS=15V, ID=15A
26
S
Input Capacitance
Ciss
900
Output Capacitance
Coss
340
Reverse Transfer Capacitance
Crss
31
VGS=10V, VDS=50V, ID=10A *2
19.6 29.5
9.7
15
Gate Source Charge
Qgs
2.8
Gate Drain Charge
Qgd
4.3
Gate Resistance
Rg
f = 1 MHz
0.2
0.85
1.7
Ω
Turn-On DelayTime
td(on)
13
26
Turn-On Rise Time
tr
14
28
Turn-Off DelayTime
td(off)
19
38
Turn-Off Fall Time
tf
10
20
Turn-On DelayTime
td(on)
11
22
Turn-On Rise Time
tr
10
20
Turn-Off DelayTime
td(off)
20
40
Turn-Off Fall Time
tf
9
18
Body Diode Reverse Recovery Time
trr
34
65
Body Diode Reverse Recovery Charge
Qrr
34
65
nc
Reverse Recovery Fall Time
ta
20
Reverse Recovery Rise Time
tb
14
Maximum Body-Diode Continuous Current
IS
Tc=25℃
5.1
Maximum Pullsed Drain-Source Current
ISM
70
Diode Forward Voltage
VSD
IS=4A
0.77
1.1
V
Zero Gate Voltage Drain Current
IDSS
μ
A
ID=10A, VDS=50V, ,RGEN=5Ω,
VGED=7.5V ,Rg=1Ω *2
VGS=0V, VDS=50V, f=1MHz *2
Static Drain-Source On-Resistance *1
A
IF= 5A, dI/dt= 100A/μs ,TJ=25℃
ns
ns
ID=10A, VDS=50V, ,RGEN=5Ω,
VGED=10V ,Rg=1Ω *2
RDS(On)
Total Gate Charge
Qg
VGS=4.5V, VDS=50V, ID=10A *2
pF
nc
*1. Pulse Test:Pulse width≤300us,Duty cycle≤2%
*2. Essentially independent of operating temperature
N-Channel MOSFET
SI4056DY-HF (KI4056DY-HF)
Marking
4056
KC**** F
Marking


Número de pieza similar - SI4056DY-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4056DY-T1-GE3 VISHAY-SI4056DY-T1-GE3 Datasheet
215Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4056DY-T1-GE3 VBSEMI-SI4056DY-T1-GE3 Datasheet
462Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Descripción similar - SI4056DY-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com