Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADDAC80Z-CBI-I2 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADDAC80Z-CBI-I2
Descripción Electrónicos  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADDAC80Z-CBI-I2 Datasheet(HTML) 4 Page - Analog Devices

  ADDAC80Z-CBI-I2 Datasheet HTML 1Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 2Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 3Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 4Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 5Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 6Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 7Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 8Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
ADDAC80/ADDAC85/ADDAC87–SPECIFICATIONS
ADDAC80
ADDAC85
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ANALOG OUTPUT
Voltage Models
Ranges–CBI
±2.5, ±5,
±2.5, ±5,
±2.5, ±5,
±10, +5,
±10, +5,
±10, +5,
+10
+10
+10
V
Ranges–CCD
±10
+10
+10
V
Output Current
±5
±5
±5mA
Output Impedance (dc)
0.05
0.05
0.05
Short Circuit Duration
Indefinite to Common
Indefinite to Common
Indefinite to Common
Current Models
Ranges–Unipolar
–2.0
–2.0
–2.0
mA
Ranges–Bipolar
±1.0
±1.0
±1.0
mA
Output Impedance
Bipolar
3.2
3.2
3.2
k
Unipolar
6.6
6.6
6.6
k
Compliance
–1.5, +10
–2.5, +10
–2.5, +10
V
Internal Reference Voltage (VR)
6.17
6.3
6.43
6.17
6.3
6.43
6.17
6.3
6.43
V
Output Impedance
1.5
1.5
1.5
Max External Current
6
2.5
2.5
2.5
mA
Tempco of Drift
±10
±20
±10
±20
±10
±20
ppm of VR/
°C
POWER SUPPLY SENSITIVITY
±15 V ± 10%, 5 V Supply When Applicable
±0.002
±0.002
±0.002
% of FSR/%VS
POWER SUPPLY REQUIREMENTS
Rated Voltages
±15, +5
±15, +5
±15, +5
V
Range
Analog Supplies
±14
±16
±14.5
±15.5
±14.5
±15.5
V
Logic Supplies
4.5
16
4.5
15.5
4.5
15.5
V
Supply Drain
7
+15 V
10
20
15
20
15
20
mA
–15 V
20
35
25
30
25
30
mA
+5 V
8
8
2015
2015
20
mA
TEMPERATURE RANGE
Specifications
0
+70
0
+70
–25
+85
°C
Operating
–25
+85
–25
+85
–55
+125
°C
Storage
–55
+130
–65
+150
–65
+150
°C
NOTES
1Least Significant Bit.
2Adjustable to zero with external trim potentiometer.
3FSR means “Full Scale Range” and is 20 V for the
± 10 V range and 10 V for the ± 5 V range.
4Gain and offset errors adjusted to zero at 25
°C.
5C
F = 0, see Figure 3a.
6Maximum with no degradation of specification, must be a constant load.
7Including 5 mA load.
85 V supply required only for CCD versions.
Specifications subject to change without notice.
(continued)


Número de pieza similar - ADDAC80Z-CBI-I2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADDAC80Z-CBI-I AD-ADDAC80Z-CBI-I Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

Descripción similar - ADDAC80Z-CBI-I2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com