Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADE7753 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADE7753
Descripción Electrónicos  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 3Page - Analog Devices ADE7753_15 Datasheet HTML 4Page - Analog Devices ADE7753_15 Datasheet HTML 5Page - Analog Devices ADE7753_15 Datasheet HTML 6Page - Analog Devices ADE7753_15 Datasheet HTML 7Page - Analog Devices ADE7753_15 Datasheet HTML 8Page - Analog Devices ADE7753_15 Datasheet HTML 9Page - Analog Devices ADE7753_15 Datasheet HTML 10Page - Analog Devices ADE7753_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADE7753
Rev. C | Page 7 of 60
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
DVDD to AVDD
–0.3 V to +0.3 V
Analog Input Voltage to AGND,
V1P, V1N, V2P, and V2N
–6 V to +6 V
Reference Input Voltage to AGND
–0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
–0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
20-Lead SSOP, Power Dissipation
450 mW
θJA Thermal Impedance
112°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - ADE7753_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
More results

Descripción similar - ADE7753_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7759 AD-ADE7759 Datasheet
530Kb / 32P
   Active Energy Metering IC with di/dt Sensor Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
   Active Energy Metering IC with di/dt Sensor Interface
REV. A
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
   Active and Apparent Energy Metering IC with di/dt sensor interface
REV. PrF 10/02
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
   Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Sames
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
   Three Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
REV. A
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
Sames
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com