Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADEL2020 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADEL2020
Descripción Electrónicos  Improved Second Source to the EL2020
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 1 Page - Analog Devices

  ADEL2020_15 Datasheet HTML 1Page - Analog Devices ADEL2020_15 Datasheet HTML 2Page - Analog Devices ADEL2020_15 Datasheet HTML 3Page - Analog Devices ADEL2020_15 Datasheet HTML 4Page - Analog Devices ADEL2020_15 Datasheet HTML 5Page - Analog Devices ADEL2020_15 Datasheet HTML 6Page - Analog Devices ADEL2020_15 Datasheet HTML 7Page - Analog Devices ADEL2020_15 Datasheet HTML 8Page - Analog Devices ADEL2020_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADEL2020
Improved Second Source
to the EL2020
FEATURES
Ideal for Video Applications
0.02% Differential Gain
0.04 Differential Phase
0.1 dB Bandwidth to 25 MHz (G = +2)
High Speed
90 MHz Bandwidth (–3 dB)
500 V/ s Slew Rate
60 ns Settling Time to 0.1% (VO = 10 V Step)
Low Noise
2.9 nV/
√Hz Input Voltage Noise
Low Power
6.8 mA Supply Current
2.1 mA Supply Current (Power-Down Mode)
High Performance Disable Function
Turn-Off Time of 100 ns
Input to Output Isolation of 54 dB (Off State)
CONNECTION DIAGRAMS
8-Lead PDIP (N)
20-Lead SOIC (R)
1
8
4
5
3
6
2
7
ADEL2020
V+
OUTPUT
BAL
BAL
–IN
+IN
V–
DISABLE
V+
OUTPUT
BAL
BAL
–IN
+IN
V–
DISABLE
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
1
20
4
17
3
18
5
16
8
13
7
14
6
15
9
12
10
11
2
19
TOP VIEW
ADEL2020
TOP VIEW
GENERAL DESCRIPTION
The ADEL2020 is an improved second source to the EL2020.
This op amp improves on all the key dynamic specifications
while offering lower power and lower cost. The ADEL2020
offers 50% more bandwidth and gain flatness of 0.1 dB to
beyond 25 MHz. In addition, differential gain and phase are
less than 0.05% and 0.05
° while driving one back terminated
cable (150
Ω).
FREQUENCY – Hz
+0.1
100k
1M
10M
100M
0
–0.1
RL = 150
15V
5V
+0.1
0
–0.1
RL = 1k
15V
5V
Figure 1. Fine-Scale Gain (Normalized) vs. Frequency
for Various Supply Voltages, RF = 750
Ω, Gain = +2
The ADEL2020 offers other significant improvements. The
most important is lower power supply current (33% less than the
competition) with higher output drive. Important specifications
like voltage noise and offset voltage are less than half of those
for the EL2020. The ADEL2020 also provides an improved
disable feature. The disable time (to high output impedance) is
100 ns with guaranteed break before make. The ADEL2020 is
offered for the industrial temperature range of –40
°C to +85°C
and comes in both PDIP and SOIC packages.
SUPPLY VOLTAGE –
V
0.10
515
0.08
0.06
0.04
0.02
0
0.09
0.07
0.05
0.03
0.01
6789
10
11
12
13
14
0.20
0.16
0.12
0.08
0.04
0
0.18
0.14
0.10
0.06
0.02
GAIN = +2
RF = 750
RL = 150
fC = 3.58MHz
100 IRE
MODULATED RAMP
GAIN
PHASE
Figure 2. Differential Gain and Phase vs. Supply Voltage


Número de pieza similar - ADEL2020_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADEL2020AN AD-ADEL2020AN Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20 AD-ADEL2020AR-20 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20-REEL AD-ADEL2020AR-20-REEL Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
More results

Descripción similar - ADEL2020_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
PerkinElmer Optoelectro...
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com